Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9223306MEA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9223306MEA
Description  1-OF-8 DECODERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9223306MEA Datasheet(HTML) 1 Page - Texas Instruments

  5962-9223306MEA Datasheet HTML 1Page - Texas Instruments 5962-9223306MEA Datasheet HTML 2Page - Texas Instruments 5962-9223306MEA Datasheet HTML 3Page - Texas Instruments 5962-9223306MEA Datasheet HTML 4Page - Texas Instruments 5962-9223306MEA Datasheet HTML 5Page - Texas Instruments 5962-9223306MEA Datasheet HTML 6Page - Texas Instruments 5962-9223306MEA Datasheet HTML 7Page - Texas Instruments 5962-9223306MEA Datasheet HTML 8Page - Texas Instruments 5962-9223306MEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CY54FCT138T, CY74FCT138T
1-OF-8 DECODERS
SCCS013B – MAY 1994 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT and F Logic
D Reduced VOH (Typically = 3.3 V) Versions of
Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D Matched Rise and Fall Times
D Fully Compatible With TTL Input and
Output Logic Levels
D Dual 1-of-8 Decoder With Enables
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D CY54FCT138T
– 32-mA Output Sink Current
– 12-mA Output Source Current
D CY74FCT138T
– 64-mA Output Sink Current
– 32-mA Output Source Current
description
The ’FCT138T devices are 1-of-8 decoders. These devices accept three binary weighted inputs (A0, A1, A2)
and, when enabled, provide eight mutually exclusive active-low outputs (O0–O7). The ’FCT138T devices
feature three enable inputs: two active low (E1, E2) and one active high (E3).
All outputs are high unless E1 and E2 are low and E3 is high. This multiple-enable function allows easy parallel
expansion of the device to a 1-of-32 (five lines to 32 lines) decoder with just four ’FCT138T devices and one
inverter.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.
PIN DESCRIPTION
NAME
DESCRIPTION
A
Address inputs
E1, E2
Enable inputs (active low)
E3
Enable input (active high)
O
Outputs
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
E1
E2
E3
O7
GND
VCC
O0
O1
O2
O3
O4
O5
O6
CY54FCT138T ...D PACKAGE
CY74FCT138T ...Q OR SO PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
O1
O2
NC
O3
O4
A2
E1
NC
E2
E3
CY54FCT138T . . . L PACKAGE
(TOP VIEW)
NC – No internal connection
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - 5962-9223306MEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9223701M2A TI1-5962-9223701M2A Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9223701M2A TI1-5962-9223701M2A Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9223701MRA TI1-5962-9223701MRA Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9223701MRA TI1-5962-9223701MRA Datasheet
465Kb / 12P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
5962-9223705MRA TI1-5962-9223705MRA Datasheet
465Kb / 13P
[Old version datasheet]   8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9223306MEA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
   1-OF-10 DECODERS
logo
Holtek Semiconductor In...
HT604L HOLTEK-HT604L Datasheet
106Kb / 9P
   318 Series of Decoders
HT604L HOLTEK-HT604L_03 Datasheet
153Kb / 12P
   318 Series of Decoders
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
   312 Series of Decoders
logo
Texas Instruments
SN54HC42 TI-SN54HC42_07 Datasheet
562Kb / 15P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS(1 OF 10)
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D_02 Datasheet
174Kb / 11P
   212 Series of Decoders
HT602L HOLTEK-HT602L Datasheet
837Kb / 14P
   318 Series of Decoders
logo
Texas Instruments
SN54L42 TI-SN54L42 Datasheet
426Kb / 9P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1-OF-10)
logo
Raytheon Company
74LS43 RAYTHEON-74LS43 Datasheet
201Kb / 3P
   4-Line To 10-Line Decoders(1-of-10)
logo
Texas Instruments
SN54HC42 TI-SN54HC42_06 Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com