Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29FCT520CTSOCG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # CY29FCT520CTSOCG4
Description  MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY29FCT520CTSOCG4 Datasheet(HTML) 2 Page - Texas Instruments

  CY29FCT520CTSOCG4 Datasheet HTML 1Page - Texas Instruments CY29FCT520CTSOCG4 Datasheet HTML 2Page - Texas Instruments CY29FCT520CTSOCG4 Datasheet HTML 3Page - Texas Instruments CY29FCT520CTSOCG4 Datasheet HTML 4Page - Texas Instruments CY29FCT520CTSOCG4 Datasheet HTML 5Page - Texas Instruments CY29FCT520CTSOCG4 Datasheet HTML 6Page - Texas Instruments CY29FCT520CTSOCG4 Datasheet HTML 7Page - Texas Instruments CY29FCT520CTSOCG4 Datasheet HTML 8Page - Texas Instruments CY29FCT520CTSOCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY29FCT520T
MULTILEVEL PIPELINE REGISTER
WITH 3-STATE OUTPUTS
SCCS011C – MAY 1994 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PIPELINE INSTRUCTION TABLE
I = 0
I = 1
I = 2
I = 3
I1 = 0
I0 = 0
I1 = 0
I0 = 1
I1 = 1
I0 = 0
I1 = 1
I0 = 1
A1
A2
B1
B2
A1
A2
B1
B2
A1
A2
B1
B2
B1
B2
A1
A2
Single four-level
Dual two-level
Hold
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC
SO
Tube
6.0
CY29FCT520CTSOC
29FCT520C
SOIC – SO
Tape and reel
6.0
CY29FCT520CTSOCT
29FCT520C
SOIC
SO
Tube
7.5
CY29FCT520BTSOC
29FCT520B
–40
°C to 85°C
SOIC – SO
Tape and reel
7.5
CY29FCT520BTSOCT
29FCT520B
DIP – P
Tube
14.0
CY29FCT520ATPC
CY29FCT520ATPC
SOIC
SO
Tube
14.0
CY29FCT520ATSOC
29FCT520A
SOIC – SO
Tape and reel
14.0
CY29FCT520ATSOCT
29FCT520A
55
°Cto125°C
CDIP
D
Tube
8.0
5962-9220504MLA
(CY29FCT520BTDMB)
–55
°C to 125°C
CDIP – D
Tube
16.0
5962-9220502MLA
(CY29FCT520ATDMB)
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
S1
S0
OUTPUT
1
1
A1
1
0A2
0
1B1
0
0
B2


Similar Part No. - CY29FCT520CTSOCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT520CTSOC TI-CY29FCT520CTSOC Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
CY29FCT520CTSOC TI1-CY29FCT520CTSOC Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520CTSOCE4 TI-CY29FCT520CTSOCE4 Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
CY29FCT520CTSOCT TI-CY29FCT520CTSOCT Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
CY29FCT520CTSOCT TI1-CY29FCT520CTSOCT Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - CY29FCT520CTSOCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Integrated Device Techn...
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com