Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29FCT520ATSOCTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CY29FCT520ATSOCTG4
Description  MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY29FCT520ATSOCTG4 Datasheet(HTML) 1 Page - Texas Instruments

  CY29FCT520ATSOCTG4 Datasheet HTML 1Page - Texas Instruments CY29FCT520ATSOCTG4 Datasheet HTML 2Page - Texas Instruments CY29FCT520ATSOCTG4 Datasheet HTML 3Page - Texas Instruments CY29FCT520ATSOCTG4 Datasheet HTML 4Page - Texas Instruments CY29FCT520ATSOCTG4 Datasheet HTML 5Page - Texas Instruments CY29FCT520ATSOCTG4 Datasheet HTML 6Page - Texas Instruments CY29FCT520ATSOCTG4 Datasheet HTML 7Page - Texas Instruments CY29FCT520ATSOCTG4 Datasheet HTML 8Page - Texas Instruments CY29FCT520ATSOCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CY29FCT520T
MULTILEVEL PIPELINE REGISTER
WITH 3-STATE OUTPUTS
SCCS011C – MAY 1994 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT, F Logic, and AM29520
D Reduced VOH (Typically = 3.3 V) Version of
Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D Matched Rise and Fall Times
D Fully Compatible With TTL Input and
Output Logic Levels
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Single- and Dual-Pipeline Operation Modes
D Multiplexed Data Inputs and Outputs
D CY29FCT520T
– 64-mA Output Sink Current
32-mA Output Source Current
D CY29FCT520ATDMB, CY29FCT520BTDMB
– 32-mA Output Sink Current
12-mA Output Source Current
D 3-State Outputs
description
The CY29FCT520T is a multilevel 8-bit-wide pipeline register. The device consists of four registers, A1, A2, B1,
and B2, which are configured by the instruction inputs I0, I1 as a single four-level pipeline or as two two-level
pipelines. The contents of any register can be read at the multiplexed output at any time by using the
multiplex-selection controls (S0 and S1).
The pipeline registers are positive-edge triggered, and data is shifted by the rising edge of the clock input.
Instruction I = 0 selects the four-level pipeline mode. Instruction I = 1 selects the two-level B pipeline, while I = 2
selects the two-level A pipeline. I = 3 is the hold instruction; no shifting is performed by the clock in this mode.
In the two-level operation mode, data is shifted from level 1 to level 2 and new data is loaded into level 1.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I0
I1
D0
D1
D2
D3
D4
D5
D6
D7
CLK
GND
D, P, OR SO PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC
S0
S1
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
OE
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CY29FCT520ATSOCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT520ATSOCT TI-CY29FCT520ATSOCT Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
CY29FCT520ATSOCT TI1-CY29FCT520ATSOCT Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520ATSOCTE4 TI-CY29FCT520ATSOCTE4 Datasheet
264Kb / 13P
[Old version datasheet]   Multi-Level Pipeline Register
More results

Similar Description - CY29FCT520ATSOCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Integrated Device Techn...
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com