Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2066LVT-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2066LVT-13
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2066LVT-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2066LVT-13 Datasheet HTML 1Page - Diodes Incorporated DMP2066LVT-13 Datasheet HTML 2Page - Diodes Incorporated DMP2066LVT-13 Datasheet HTML 3Page - Diodes Incorporated DMP2066LVT-13 Datasheet HTML 4Page - Diodes Incorporated DMP2066LVT-13 Datasheet HTML 5Page - Diodes Incorporated DMP2066LVT-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP2066LVT
Document number: DS36578 Rev. 4 - 2
3 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMP2066LVT
V
, DRAIN -SOURCE VOLTAGE(V)
Figure 1 Typical Output Characteristics
DS
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
, GATE SOURCE VOLTAGE(V)
Figure 2 Typical Transfer Characteristics
GS
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
I , DRAIN SOURCE CURRENT
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
V
= 1.8V
GS
V
= 2.5V
GS
V
= 4.5V
GS
0
0.02
0.04
0.06
0.08
0
5
10
15
20
I , DRAIN CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
D
V
= 10V
GS
T =150°C
A
T =125°C
A
T =85°C
A
T =25°C
A
T =-55°C
A
0
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 5 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06


Similar Part No. - DMP2066LVT-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2066LVT-13 DIODES-DMP2066LVT-13 Datasheet
365Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2066LVT-13

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com