Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS50PCI402 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS50PCI402
Description  DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS50PCI402 Datasheet(HTML) 4 Page - Texas Instruments

  DS50PCI402 Datasheet HTML 1Page - Texas Instruments DS50PCI402 Datasheet HTML 2Page - Texas Instruments DS50PCI402 Datasheet HTML 3Page - Texas Instruments DS50PCI402 Datasheet HTML 4Page - Texas Instruments DS50PCI402 Datasheet HTML 5Page - Texas Instruments DS50PCI402 Datasheet HTML 6Page - Texas Instruments DS50PCI402 Datasheet HTML 7Page - Texas Instruments DS50PCI402 Datasheet HTML 8Page - Texas Instruments DS50PCI402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
DS50PCI402
SNLS320H – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Table 1. Pin Descriptions
Pin Name
Pin Number
I/O,
Pin Description
Type(1)(2)(3)(4)
Differential High Speed I/O's
IA_0+, IA_0- ,
10, 11
I, CML
Inverting and non-inverting CML differential inputs to the equalizer. A
IA_1+, IA_1-,
12, 13
gated on-chip 50
Ω termination resistor connects INA_0+ to VDD and
IA_2+, IA_2-,
15, 16
INA_0- to VDD when enabled.
IA_3+, IA_3-
17, 18
OA_0+, OA_0-,
35, 34
O,LPDS
Inverting and non-inverting low power differential signal (LPDS) 50
Ω
OA_1+, OA_1-,
33, 32
driver outputs with de-emphasis. Compatible with AC coupled CML
OA_2+, OA_2-,
31, 30
inputs.
OA_3+, OA_3-
29, 28
IB_0+, IB_0- ,
45, 44
I, CML
Inverting and non-inverting CML differential inputs to the equalizer. A
IB_1+, IB_1-,
43, 42
gated on-chip 50
Ω termination resistor connects INB_0+ to VDD and
IB_2+, IB_2-,
40, 39
INB_0- to VDD when enabled.
IB_3+, IB_3-
38, 37
OB_0+, OB_0-,
1, 2
O,LPDS
Inverting and non-inverting low power differential signal (LPDS) 50
Ω
OB_1+, OB_1-,
3, 4
driver outputs with de-emphasis. Compatible with AC coupled CML
OB_2+, OB_2-,
5, 6
inputs.
OB_3+, OB_3-
7, 8
Control Pins — Shared (LVCMOS)
ENSMB
48
I, LVCMOS
System Management Bus (SMBus) enable pin.
w/internal
When pulled high provide access internal digital registers that are a
pulldown
means of auxiliary control for such functions as equalization, de-
emphasis, VOD, rate, and idle detection threshold.
When pulled low, access to the SMBus registers are disabled and
SMBus function pins are used to control the Equalizer and De-Emphasis.
Please refer to SYSTEM MANAGEMENT BUS (SMBUS) AND
CONFIGURATION REGISTERS and Electrical Characteristics — Serial
Management Bus Interface for detail information.
ENSMB = 1 (SMBUS MODE)
SCL
50
I, LVCMOS
ENSMB = 1
SMBUS clock input pin is enabled. External pull-up resistor maybe
needed. Refer to RTERM in the SMBus specification.
SDA
49
I, LVCMOS,
ENSMB = 1
O, Open Drain
The SMBus bi-directional SDA pin is enabled. Data input or open drain
output. External pull-up resistor is required.
Refer to RTERM in the SMBus specification.
AD0-AD3
54, 53, 47, 46
I, LVCMOS
ENSMB = 1
w/internal
SMBus Slave Address Inputs. In SMBus mode, these pins are the user
pulldown
set SMBus slave address inputs. See section — SYSTEM
MANAGEMENT BUS (SMBUS) AND CONFIGURATION REGISTERS
for additional information.
ENSMB = 0 (NORMAL PIN MODE)
EQA0, EQA1
20, 19
I,FLOAT,
EQA/B ,0/1 controls the level of equalization of the A/B sides as shown in
EQB0, EQB1
46, 47
LVCMOS
Table 2. The EQA/B pins are active only when ENSMB is de-asserted
(Low). Each of the 4 A/B channels have the same level unless controlled
by the SMBus control registers. When ENSMB goes high the SMBus
registers provide independent control of each lane, and the EQB0/B1
pins are converted to SMBUS AD2/AD3 inputs.
DEMA0, DEMA1
49, 50
I,FLOAT,
DEMA/B ,0/1 controls the level of de-emphasis of the A/B sides as
DEMB0, DEMB1
53, 54
LVCMOS
shown in Table 5. The DEMA/B pins are only active when ENSMB is de-
asserted (Low). Each of the 4 A/B channels have the same level unless
controlled by the SMBus control registers. When ENSMB goes High the
SMBus registers provide independent control of each lane and the DEM
pins are converted to SMBUS AD0/AD1 and SCL/SDA inputs.
(1)
FLOAT = 3rd input state, don't drive pin. Pin is internally biased to mid level with 50 k
Ω pull-up/pull-down. If high Z output not available,
drive input to VDD/2 to assert mid level state.
(2)
Internal pulldown = Internal 30 k
Ω pull-down resistor to GND is present on the input.
(3)
LVCMOS inputs without the “Float” conditions must be driven to a logic Low or High at all times or operation is not ensured.
(4)
Input edge rate for LVCMOS/FLOAT inputs must be faster than 50 ns from 10–90%.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS50PCI402


Similar Part No. - DS50PCI402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI-DS50PCI402 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI1-DS50PCI402SQ Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results

Similar Description - DS50PCI402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI401 TI1-DS50PCI401_13 Datasheet
1Mb / 36P
[Old version datasheet]   DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS80PCI102 TI1-DS80PCI102 Datasheet
278Kb / 6P
[Old version datasheet]   DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com