Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS50PCI402 Datasheet(PDF) 6 Page - Texas Instruments

Part # DS50PCI402
Description  DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS50PCI402 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS50PCI402_15 Datasheet HTML 2Page - Texas Instruments DS50PCI402_15 Datasheet HTML 3Page - Texas Instruments DS50PCI402_15 Datasheet HTML 4Page - Texas Instruments DS50PCI402_15 Datasheet HTML 5Page - Texas Instruments DS50PCI402_15 Datasheet HTML 6Page - Texas Instruments DS50PCI402_15 Datasheet HTML 7Page - Texas Instruments DS50PCI402_15 Datasheet HTML 8Page - Texas Instruments DS50PCI402_15 Datasheet HTML 9Page - Texas Instruments DS50PCI402_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
DS50PCI402
SNLS320H – APRIL 2010 – REVISED MARCH 2013
www.ti.com
FUNCTIONAL DESCRIPTION
The DS50PCI402 is a low power media compensation 4 lane repeater optimized for PCI Express Gen 1 and Gen
2 media including lossy FR-4 printed circuit board backplanes and balanced cables. The DS50PCI402 operates
in two modes: Pin Control Mode (ENSMB = 0) and SMBus Mode (ENSMB = 1).
Pin Control Mode:
When in pin mode (ENSMB = 0) , the repeater is configurable with external pins. Equalization and de-emphasis
can be selected via pin for each side independently. When de-emphasis is asserted VOD is automatically
increased per the De-Emphasis table below for improved performance over lossy media. The receiver detect
pins RXDETA/B provide manual control for input termination (50
Ω or >50KΩ). Rate optimization is also pin
controllable, with pin selections for 2.5Gbps, 5Gbps, and auto detect. The receiver electrical idle detect threshold
is also programmable via an optional external resistor on the SD_TH pin.
SMBUS Mode:
When in SMBus mode the equalization, de-emphasis, and termination disable features are all programmable on
a individual lane basis, instead of grouped by sides as in the pin mode case. Upon assertion of ENSMB the
RATE, EQx and DEMx functions revert to register control immediately. The EQx and DEMx pins are converted to
AD0-AD3 SMBus address inputs. The other external control pins remain active unless their respective registers
are written to and the appropriate override bit is set, in which case they are ignored until ENSMB is driven low.
On powerup and when ENSMB is driven low all registers are reset to their default state. If PRSNT is asserted
while ENSMB is high, the registers retain their current state.
Equalization settings accessible via the pin controls were chosen to meet the needs of most PCIe applications. If
additional fine tuning or adjustment is needed, additional equalization settings can be accessed via the SMBus
registers. Each input has a total of 24 possible equalization settings. The tables show a typical gain for each gain
stage (GST[1:0]) and boost level (BST[2:0]) combination. When using SMBus mode, the Equalization and De-
Emphasis levels are set using registers.
Table 2. Equalization Settings with GST=1 for Pins or SMBus Registers
EQ Setting
EQ Gain (dB)
EQ1( EQ0(
Suggested Use
GST[1
BST[2:
1.25 GHz
2.5 GHz
1)
1)
:0]
0]
F
F
00
000
0
0
Bypass - Default Setting
01
000
1.6
3.2
01
001
2.1
4.2
1
1
01
010
2.6
5.0
8" FR4 (6-mil trace) or < 1m (28 AWG) PCIe cable
01
011
3.2
5.9
01
100
4.0
7.3
01
101
4.9
7.9
01
110
5.4
8.5
01
111
5.6
9.0
(1)
F=Float (don't drive pin, each float pin has an internal 50K Ohm resistor to VDD and GND), 1=High, 0=Low
Table 3. Equalization Settings with GST=2 for Pins or SMBus Registers
EQ Setting
EQ Gain (dB)
EQ1( EQ0(
Suggested Use
GST[1
BST[2:
1.25 GHz
2.5 GHz
1)
1)
:0]
0]
0
0
10
000
3.8
7.6
14" FR4 (6-mil trace) or 1m (28 AWG) PCIe cable
10
001
5.1
9.9
F
0
10
010
6.4
11.6
20" FR4 (6-mil trace) or 5m (26 AWG) PCIe cable
10
011
7.6
13.5
10
100
9.5
16.1
F
1
10
101
11.3
17.5
40" FR4 (6-mil trace) or 9m (24 AWG) PCIe cable
(1)
F=Float (don't drive pin, each float pin has an internal 50K Ohm resistor to VDD and GND), 1=High, 0=Low
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS50PCI402


Similar Part No. - DS50PCI402_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results

Similar Description - DS50PCI402_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI401 TI1-DS50PCI401_13 Datasheet
1Mb / 36P
[Old version datasheet]   DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS80PCI102 TI1-DS80PCI102 Datasheet
278Kb / 6P
[Old version datasheet]   DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com