Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS50PCI401 Datasheet(PDF) 7 Page - Texas Instruments

Part # DS50PCI401
Description  DS50PCI401 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS50PCI401 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS50PCI401_13 Datasheet HTML 3Page - Texas Instruments DS50PCI401_13 Datasheet HTML 4Page - Texas Instruments DS50PCI401_13 Datasheet HTML 5Page - Texas Instruments DS50PCI401_13 Datasheet HTML 6Page - Texas Instruments DS50PCI401_13 Datasheet HTML 7Page - Texas Instruments DS50PCI401_13 Datasheet HTML 8Page - Texas Instruments DS50PCI401_13 Datasheet HTML 9Page - Texas Instruments DS50PCI401_13 Datasheet HTML 10Page - Texas Instruments DS50PCI401_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
0
50
100
150
200
250
0
10k 20k 30k 40k 50k 60k 70k 80k
SD_TH RESISTOR VALUE (:)
VDD = 2.5V
TA = 25°C
DS50PCI401
www.ti.com
SNLS292J – JUNE 2009 – REVISED APRIL 2013
Table 3. De-Emphasis Input Select Pins for A and B ports (3–Level Input) (continued)
RATE
DEM1
DEM0(1
Typical De-
Typical DE Pulse
Typical VOD
Suggested Use
(1)
)
Emphasis Level
Width
1/F
1
0
-6dB
200ps
1000mV
1/F
1
1
-6dB
200ps enhanced
1000mV
10 inches FR4 (6-mil trace)
1/F
0
F
-9dB
200ps enhanced
1000mV
1/F
1
F
-12dB
200ps enhanced
1000mV
1/F
F
0
-9dB
200ps enhanced
1200mV
20 inches FR4 (6-mil trace)
1/F
F
1
-12dB
200ps enhanced
1400mV
30 inches FR4 (6-mil trace)
1/F
F
F
Reserved, don't
use
Table 4. Idle Control (3–Level Input)
TXIDLEA/B
Function
0
This state is for lossy media, dedicated Idle threshold detect circuit disabled,
output follows input based on EQ settings. Idle state not guaranteed.
Float
Float enables automatic idle detection. Idle on the input is passed to the
output. This is the recommended default state. Output driven to Idle if diff input
signal less than value set by SD_TH pin.
1
Manual override, output forced to Idle. Diff inputs are ignored.
Table 5. Receiver Electrical Idle Detect Threshold Adjust (Analog input - connect Resistor to GND or
Float)
SD_TH resistor value (
Ω) (connect from pin to GND)(1)
Typical Receiver Electrical Idle Detect Threshold (DIFF p-p)
Float (no resistor required)
130mV (default condition)
0
225mV
80K
20mV
(1)
SD_TH resistor value can be set from 0 through 80K Ohms to achieve desired idle detect threshold, see Figure 1. 8K Ohm is approx
130mV.
Figure 1. Typical Idle threshold vs SD_TH resistor value
Table 6. Receiver Detect Pins for A and B ports (LVCMOS inputs)
PRSNT#
ENRXDET
RXDETA/B
Function
0
1
0
Disable RXDETA termination mode: Rx detection state machine disabled. Input
termination >50K
Ω. Associated output channels in low power idle mode.
0
1
1
Force RXDETA termination mode: Rx detection state machine disabled. Input termination
50
Ω. Associated output channels set to active.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS50PCI401


Similar Part No. - DS50PCI401_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS50PCI401SQ NSC-DS50PCI401SQ Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
DS50PCI401SQE NSC-DS50PCI401SQE Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
More results

Similar Description - DS50PCI401_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
logo
National Semiconductor ...
DS50PCI401 NSC-DS50PCI401 Datasheet
939Kb / 32P
   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Transceiver with Equalization and De-Emphasis
logo
Texas Instruments
DS80PCI102 TI1-DS80PCI102 Datasheet
278Kb / 6P
[Old version datasheet]   DS80PCI102 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 1 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com