Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9961001HXA Datasheet(PDF) 11 Page - Analog Devices

Part # 5962-9961001HXA
Description  Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-9961001HXA Datasheet(HTML) 11 Page - Analog Devices

Back Button 5962-9961001HXA Datasheet HTML 7Page - Analog Devices 5962-9961001HXA Datasheet HTML 8Page - Analog Devices 5962-9961001HXA Datasheet HTML 9Page - Analog Devices 5962-9961001HXA Datasheet HTML 10Page - Analog Devices 5962-9961001HXA Datasheet HTML 11Page - Analog Devices 5962-9961001HXA Datasheet HTML 12Page - Analog Devices 5962-9961001HXA Datasheet HTML 13Page - Analog Devices 5962-9961001HXA Datasheet HTML 14Page - Analog Devices 5962-9961001HXA Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. A
AD10200
–11–
LAYOUT INFORMATION
The schematic of the evaluation board (Figure 8) represents
a typical implementation of the AD10200. The pinout of the
AD10200 is very straightforward and facilitates ease of use and
the implementation of high frequency/high resolution design
practices. It is recommended that high quality ceramic chip
capacitors be used to decouple each supply pin to ground directly
at the device. All capacitors can be standard high quality ceramic
chip capacitors.
Care should be taken when placing the digital output runs.
Because the digital outputs have such a high-slew rate, the
capacitive loading on the digital outputs should be minimized.
Circuit traces for the digital outputs should be kept short and
connect directly to the receiving gate. Internal circuitry buffers
the outputs of the ADC through a resistor network to eliminate
the need to externally isolate the device from the receiving gate.
Figure 8. Evaluation Board Mechanical Layout
EVALUATION BOARD
The AD10200 evaluation board (Figure 9) is designed to
provide optimal performance for evaluation of the AD10200
analog-to-digital converter. The board encompasses everything
needed to ensure the highest level of performance for evaluating
the AD10200. The board requires an analog input signal, encode
clock and power supply inputs. The clock is buffered on-board
to provide clocks for the latches. The digital outputs and out
clocks are available at the standard 40-pin connectors J1 and J2.
Power to the analog supply pins is connected via banana jacks.
The analog supply powers the associated components and the
analog section of the AD10200. The digital outputs of the
AD10200 are powered via banana jacks with 3.3 V. Contact the
factory if additional layout or applications assistance is required.


Similar Part No. - 5962-9961001HXA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9961002HXA AD-5962-9961002HXA Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
5962-9961003HXA AD-5962-9961003HXA Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
More results

Similar Description - 5962-9961001HXA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200_15 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling
REV. A
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10226 AD-AD10226 Datasheet
976Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com