Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS36C200 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS36C200
Description  DS36C200 Dual High Speed Bi-Directional Differential Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS36C200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS36C200 Datasheet HTML 5Page - Texas Instruments DS36C200 Datasheet HTML 6Page - Texas Instruments DS36C200 Datasheet HTML 7Page - Texas Instruments DS36C200 Datasheet HTML 8Page - Texas Instruments DS36C200 Datasheet HTML 9Page - Texas Instruments DS36C200 Datasheet HTML 10Page - Texas Instruments DS36C200 Datasheet HTML 11Page - Texas Instruments DS36C200 Datasheet HTML 12Page - Texas Instruments DS36C200 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS36C200
www.ti.com
SNLS111D – JUNE 1998 – REVISED APRIL 2013
Fail-safe Feature:
The LVDS receiver is a high gain, high speed device that amplifies a small differential signal (20mV) to CMOS
logic levels. Due to the high gain and tight threshold of the receiver, care should be taken to prevent noise from
appearing as a valid signal.
The receiver's internal fail-safe circuitry is designed to source/sink a small amount of current, providing fail-safe
protection (a stable known state of HIGH output voltage) for floating, terminated or shorted receiver inputs.
1. Open Input Pins. The DS36C200 is a dual transceiver device, and if an application requires only one
receiver, the unused channel inputs should be left OPEN. Do not tie the receiver inputs to ground or any
other voltages. The input is biased by internal high value pull up or pull down resistors to set the output to a
HIGH state. This internal circuitry will ensure a HIGH, stable output state for open inputs.
2. Terminated Input. If the driver is disconnected (cable unplugged), or if the driver is in a TRI-STATE or
power-off condition, the receiver output will again be in a HIGH state, even with the end of the cable 100
termination resistor across the input pins. The unplugged cable can become a floating antenna which can
pick up noise. If the cable picks up more than 10mV of differential noise, the receiver may see the noise as a
valid signal and switch. To insure that any noise is seen as common-mode and not differential, a balanced
interconnect should be used. Twisted pair cable will offer better balance than flat ribbon cable.
3. Shorted Inputs. If a fault condition occurs that shorts the receiver inputs together, thus resulting in a 0V
differential input voltage, the receiver output will remain in a HIGH state. Shorted input fail-safe is not
supported across the common-mode range of the device (GND to 2.4V). It is only supported with inputs
shorted and no external common-mode voltage applied.
If there is more than 10mV of differential noise, the receiver may switch or oscillate. If this condition can happen
in your application, you may wish to add external fail-safe resistors to create a larger noise margin. External
lower value pull up and pull down resistors (for a stronger bias) may be used to boost fail-safe in the presence of
higher noise levels. The pull up and pull down resistors should be in the 5k
Ω to 15kΩ range to minimize loading
and waveform distortion to the driver. The common-mode bias point should be set to approximately 1.2V (less
than 1.75V) to be compatible with the internal circuitry.
Additional information on fail-safe biasing of LVDS devices may be found in AN-1194 (SNLA051).
Figure 11. (A) Dedicated IEEE 1394 Link
(B) Full IEEE 1394 Compliant Link
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS36C200


Similar Part No. - DS36C200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200 NSC-DS36C200 Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200I NSC-DS36C200I Datasheet
620Kb / 11P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200IMA NSC-DS36C200IMA Datasheet
620Kb / 11P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200IMT NSC-DS36C200IMT Datasheet
620Kb / 11P
   Dual High Speed Bi-Directional Differential Transceiver
More results

Similar Description - DS36C200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200 NSC-DS36C200_05 Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200I NSC-DS36C200I Datasheet
620Kb / 11P
   Dual High Speed Bi-Directional Differential Transceiver
logo
Agilent(Hewlett-Packard...
HCPL-0560 HP-HCPL-0560 Datasheet
247Kb / 16P
   Dual Channel Bi-directional High Speed Optoisolators
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
logo
List of Unclassifed Man...
GTR-221X ETC2-GTR-221X Datasheet
437Kb / 8P
   Bi-Directional 1X9 Transceiver
logo
Source Photonics, Inc.
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com