Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CF363B Datasheet(PDF) 5 Page - Texas Instruments

Part # DS90CF363B
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF363B Datasheet(HTML) 5 Page - Texas Instruments

  DS90CF363B_13 Datasheet HTML 1Page - Texas Instruments DS90CF363B_13 Datasheet HTML 2Page - Texas Instruments DS90CF363B_13 Datasheet HTML 3Page - Texas Instruments DS90CF363B_13 Datasheet HTML 4Page - Texas Instruments DS90CF363B_13 Datasheet HTML 5Page - Texas Instruments DS90CF363B_13 Datasheet HTML 6Page - Texas Instruments DS90CF363B_13 Datasheet HTML 7Page - Texas Instruments DS90CF363B_13 Datasheet HTML 8Page - Texas Instruments DS90CF363B_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS90CF363B
www.ti.com
SNLS180D – JULY 2004 – REVISED APRIL 2013
The worst case test pattern produces a maximum toggling of digital circuits, LVDS I/O and CMOS/TTL I/O.
The 16 grayscale test pattern tests device power consumption for a “typical” LCD display pattern. The test pattern
approximates signal switching needed to produce groups of 16 vertical stripes across the display.
Figure 2 and Figure 3 show a falling edge data strobe (TxCLK IN/RxCLK OUT).
Recommended pin to signal mapping. Customer may choose to define differently.
Figure 3. “16 Grayscale” Test Pattern
Figure 4. DS90CF363B (Transmitter) LVDS Output Load
Figure 5. DS90CF363B (Transmitter) LVDS Transition Times
Figure 6. DS90CF363B (Transmitter) Input Clock Transition Time
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90CF363B


Similar Part No. - DS90CF363B_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF363BMT NSC-DS90CF363BMT Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363BMT NSC-DS90CF363BMT Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link - 65MHz
logo
Texas Instruments
DS90CF363BMT TI1-DS90CF363BMT Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90CF363B NSC-DS90CF363B_06 Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link - 65MHz
More results

Similar Description - DS90CF363B_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com