Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9164001MEA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9164001MEA
Description  DS26C32AMQML Quad Differential Line Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9164001MEA Datasheet(HTML) 11 Page - Texas Instruments

Back Button 5962-9164001MEA Datasheet HTML 7Page - Texas Instruments 5962-9164001MEA Datasheet HTML 8Page - Texas Instruments 5962-9164001MEA Datasheet HTML 9Page - Texas Instruments 5962-9164001MEA Datasheet HTML 10Page - Texas Instruments 5962-9164001MEA Datasheet HTML 11Page - Texas Instruments 5962-9164001MEA Datasheet HTML 12Page - Texas Instruments 5962-9164001MEA Datasheet HTML 13Page - Texas Instruments 5962-9164001MEA Datasheet HTML 14Page - Texas Instruments 5962-9164001MEA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
26-Mar-2016
Addendum-Page 2
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - 5962-9164001MEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9164001Q2A TI-5962-9164001Q2A Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
5962-9164001Q2A TI-5962-9164001Q2A Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
5962-9164001Q2A TI-5962-9164001Q2A Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
5962-9164001Q2A TI1-5962-9164001Q2A Datasheet
1Mb / 30P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
5962-9164001Q2A TI1-5962-9164001Q2A Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
More results

Similar Description - 5962-9164001MEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26C32AMQML TI1-DS26C32AMQML Datasheet
410Kb / 16P
[Old version datasheet]   DS26C32AMQML Quad Differential Line Receiver
logo
National Semiconductor ...
DS26F32C NSC-DS26F32C Datasheet
140Kb / 6P
   Quad Differential Line Receiver
DS26C32AT NSC-DS26C32AT Datasheet
311Kb / 11P
   Quad Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
   Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
[Old version datasheet]   Quad CMOS Differential Line Receiver
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
   Quad CMOS Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com