Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9954YSV Datasheet(PDF) 1 Page - Analog Devices

Part # AD9954YSV
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954YSV Datasheet(HTML) 1 Page - Analog Devices

  AD9954YSV Datasheet HTML 1Page - Analog Devices AD9954YSV Datasheet HTML 2Page - Analog Devices AD9954YSV Datasheet HTML 3Page - Analog Devices AD9954YSV Datasheet HTML 4Page - Analog Devices AD9954YSV Datasheet HTML 5Page - Analog Devices AD9954YSV Datasheet HTML 6Page - Analog Devices AD9954YSV Datasheet HTML 7Page - Analog Devices AD9954YSV Datasheet HTML 8Page - Analog Devices AD9954YSV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
400 MSPS 14-Bit, 1.8 V CMOS
Direct Digital Synthesizer
AD9954
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
400 MSPS internal clock speed
Integrated 14-bit DAC
Programmable phase/amplitude dithering
32-bit tuning word
Phase noise ≤ –120 dBc/Hz @ 1 kHz offset (DAC output)
Excellent dynamic performance
>80 dB SFDR @ 160 MHz (±100 kHz offset) AOUT
Serial I/O control
Ultrahigh speed analog comparator
Automatic linear and nonlinear frequency sweeping
capability
4 frequency/phase offset profiles
1.8 V power supply
Software and hardware controlled power-down
48-lead TQFP/EP package
Integrated 1024 word × 32-bit RAM
Support for 5 V input levels on most digital inputs
PLL REFCLK multiplier (4× to 20×)
Internal oscillator, can be driven by a single crystal
Phase modulation capability
Multichip synchronization
APPLICATIONS
Agile LO frequency synthesis
Programmable clock generator
FM chirp source for radar and scanning systems
Automotive radar
Test and measurement equipment
Acousto-optic device drivers
FUNCTIONAL BLOCK DIAGRAM
FREQUENCY
ACCUMULATOR
STATIC RAM
1024
× 32
COS(X)
CONTROL REGISTERS
OSCILLATOR/BUFFER
COMPARATOR
SYNC
ENABLE
I/O UPDATE
DAC_RSET
DDS CORE
PHASE
OFFSET
PHASE
ACCUMULATOR
Z–1
Z–1
IOUT
IOUT
OSK
PWRDWNCTL
COMP_OUT
COMP_IN
COMP_IN
REFCLK
REFCLK
CRYSTAL OUT
I/O PORT
PS<1:0>
RAM DATA
<31:18>
DDS
CLOCK
RAM
DATA
DAC
MUX
SYSTEM
CLOCK
SYSTEM
CLOCK
SYNC_IN
SYNC_CLK
RESET
TIMING AND CONTROL LOGIC
4
×–20×
CLOCK
MULTIPLIER
÷ 4
AD9954
32
32
32
14
14
14
32
10
3
19
14
0
32
32
M
U
X
M
U
X
M
U
X
θ
Figure 1. 48-LeadTQFP/EP


Similar Part No. - AD9954YSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9954YSV AD-AD9954YSV Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9954YSV-REEL7 AD-AD9954YSV-REEL7 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9954YSVZ AD-AD9954YSVZ Datasheet
742Kb / 40P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954YSVZ-REEL7 AD-AD9954YSVZ-REEL7 Datasheet
742Kb / 40P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954YSVZ-REEL71 AD-AD9954YSVZ-REEL71 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
More results

Similar Description - AD9954YSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com