Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83901 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901
Description  Serial Network Interface Controller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button DP83901 Datasheet HTML 54Page - National Semiconductor (TI) DP83901 Datasheet HTML 55Page - National Semiconductor (TI) DP83901 Datasheet HTML 56Page - National Semiconductor (TI) DP83901 Datasheet HTML 57Page - National Semiconductor (TI) DP83901 Datasheet HTML 58Page - National Semiconductor (TI) DP83901 Datasheet HTML 59Page - National Semiconductor (TI) DP83901 Datasheet HTML 60Page - National Semiconductor (TI) DP83901 Datasheet HTML 61Page - National Semiconductor (TI) DP83901 Datasheet HTML 62Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
150 Switching Characteristics AC Specs DP83901A Note All Timing is Preliminary (Continued)
Transmit Timing (End of Packet)
TLF10469 – 47
TRANSMIT SPECIFICATIONS
(End of Packet)
Symbol
Parameter
Min
Max
Units
tTOH
Transmit Output High before Idle (Half Step)
200
ns
tTOI
Transmit Output Idle Time to g40 mV(Half Step)
8000
ns
Reset Timing
TLF10469 – 45
Symbol
Parameter
Min
Max
Units
rstw
Reset Pulse Width (Note 1)
8
BSCK Cycles or TXC Cycles (Note 2)
Note 1
The RESET pulse requires the BSCK and TXC be stable On power up RESET should not be raised until BSCK and TXC have become stable Several
registers are affected by RESET Consult the register descriptions for details
Note 2
The slower of BSCK or TXC clocks will determine the minimum time for the RESET signal to be low TXC is X1 divided by 2
If BSCK k TXC then RESET e 8 c BSCK
If TXC k BSCK then RESET e 8 c TXC
160 AC Timing Test Conditions
All specifications are valid only if the mandatory isolation is
employed and all differential signals are taken to be at the
AUI side of the pulse transformer
Input Pulse Levels (TTLCMOS)
GND to 30V
Input Rise and Fall Times (TTLCMOS)
5 ns
Input and Output Reference Levles (TTLCMOS)
13V
Input Pulse Levels (Diff)
b
350 mV to b1315 mV
Input and Output
50% Point of
Reference Levels (Diff)
the Differential
TRI-STATE Reference Levels
Float (DV) g05V
Output Load (See Figure Below)
TLF10469 – 48
Note 1
50 pF includes scope and jig capacitance
Note 2
S1 e Open for timing tests for push pull outputs
S1 e VCC for VOL test
S1 e GND for VOH test
S1 e VCC for High Impedance to active low and
active low to High Impedance measurements
S1 e GND for High Impedance to active high and
active high to High Impedance measurements
61


Similar Part No. - DP83901

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DP83901A PULSE-DP83901A Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - DP83901

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
DP8391A NSC-DP8391A Datasheet
190Kb / 12P
   SNI Serial Network Interface
DP83902A NSC-DP83902A Datasheet
851Kb / 70P
   ST-NICTM Serial Network Interface Controller for Twisted Pair
logo
Texas Instruments
DP8390D TI1-DP8390D Datasheet
943Kb / 58P
[Old version datasheet]   NIC Network Interface Controller
logo
National Semiconductor ...
DP8390D NSC-DP8390D Datasheet
689Kb / 56P
   NIC Network Interface Controller
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
National Semiconductor ...
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
logo
Xilinx, Inc
DS543 XILINX-DS543 Datasheet
442Kb / 24P
   MOST Network Interface Controller v1.4
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com