Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9214BRS-105 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9214BRS-105
Description  10-Bit, 65/80/105 MSPS 3 V A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214BRS-105 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9214BRS-105 Datasheet HTML 2Page - Analog Devices AD9214BRS-105 Datasheet HTML 3Page - Analog Devices AD9214BRS-105 Datasheet HTML 4Page - Analog Devices AD9214BRS-105 Datasheet HTML 5Page - Analog Devices AD9214BRS-105 Datasheet HTML 6Page - Analog Devices AD9214BRS-105 Datasheet HTML 7Page - Analog Devices AD9214BRS-105 Datasheet HTML 8Page - Analog Devices AD9214BRS-105 Datasheet HTML 9Page - Analog Devices AD9214BRS-105 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. D
AD9214
–6–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
OR
CMOS Output; Out-of-Range Indicator. Logic HIGH indicates the analog input voltage was
outside the converter’s range for the current output data.
2
DFS/GAIN
Data Format Select and Gain Mode Select. Connect externally to AVDD for two’s complement
data format and 1 V p-p analog input range. Connect externally to AGND for Offset Binary data
format and 1 V p-p analog input range. Connect externally to REF (Pin 4) for two’s complement
data format and 2 V p-p analog input range. Floating this pin will configure the device for Offset
Binary data format and a 2 V p-p analog input range.
3
REFSENSE
Reference Mode Select Pin for the ADC. This pin is normally connected externally to AGND,
which enables the internal 1.25 V reference, and configures REF (Pin 4) as an analog reference
output pin. Connecting REFSENSE externally to AVDD disables the internal reference, and config-
ures REF (Pin 4) as an external reference input. In this case, the user must drive REF with a clean
and accurate 1.25 V (
±5%) reference input.
4
REF
Reference input or output as configured by REFSENSE (Pin 3). When configured as an output
(REFSENSE = AGND), the internal reference (nominally 1.25 V) is enabled and is available to
the user on this pin. When configured as an input (REFSENSE = AVDD), the user must drive
REF with a clean and accurate 1.25 V (
±5%) reference. This pin should be bypassed to AGND
with an external 0.1
µF capacitor, whether it is configured as an input or output.
5, 8, 11
AGND
Analog Ground
6, 7, 12
AVDD
Analog Power Supply, Nominally 3 V
9AIN
Positive terminal of the differential analog input for the ADC.
10
AIN
Negative terminal of the differential analog input for the ADC. This pin can be left open if
operating in single-ended mode, but it is preferable to match the impedance seen at the positive
terminal (see Driving the Analog Inputs).
13
ENCODE
Encode Clock for the ADC. The AD9214 samples the analog signal on the rising edge of ENCODE.
14
PWRDN
CMOS-compatible power-down mode select, Logic LOW for normal operation; Logic HIGH
for power-down mode (digital outputs in high impedance state). PWRDN has an internal
10 k
Ω pull-down resistor to ground.
15, 23
DGND
Digital Output Ground
16, 24
DrVDD
Digital Output Driver Power Supply. Nominally 2.5 V to 3.6 V.
17–22, 25–28
D0 (LSB)–D5,
CMOS Digital Outputs of ADC
D6–D9 (MSB)
PIN CONFIGURATION
28-Lead Shrink Small Outline Package
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9214
PWRDN
ENCODE
AVDD
AGND
AIN
AIN
AGND
OR
DFS/GAIN
REFSENSE
REF
AVDD
AVDD
AGND
DGND
DrVDD
D0 (LSB)
D1
D2
D3
D4
D9 (MSB)
D8
D7
D6
D5
DGND
DrVDD


Similar Part No. - AD9214BRS-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9214BRS-105 AD-AD9214BRS-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
More results

Similar Description - AD9214BRS-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com