Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8555AR-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD8555AR-REEL
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555AR-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8555AR-REEL Datasheet HTML 6Page - Analog Devices AD8555AR-REEL Datasheet HTML 7Page - Analog Devices AD8555AR-REEL Datasheet HTML 8Page - Analog Devices AD8555AR-REEL Datasheet HTML 9Page - Analog Devices AD8555AR-REEL Datasheet HTML 10Page - Analog Devices AD8555AR-REEL Datasheet HTML 11Page - Analog Devices AD8555AR-REEL Datasheet HTML 12Page - Analog Devices AD8555AR-REEL Datasheet HTML 13Page - Analog Devices AD8555AR-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8555
Rev. 0 | Page 10 of 28
TEMPERATURE (°C)
175
–75
–25
25
75
125
1
100
10
VS = 5V
Figure 10. Input Bias Current at VPOS, VNEG vs. Temperature
VCM (V)
5
0
1234
1
100
10
VS = 5V
Figure 11. Input Bias Current at VPOS, VNEG vs. Common-Mode Voltage
TEMPERATURE (°C)
150
–50
–25
0
25
50
75
100
125
0.5
0.4
0.2
0.1
0
0.3
–0.1
–0.2
–0.3
–0.4
–0.5
Figure 12. Input Offset Current vs. Temperature
DIGITAL INPUT VOLTAGE(V)
6
0
123
45
0
2.5
2.0
1.5
1.0
0.5
VS = 5.5V
Figure 13. Digital Input Current vs. Digital Input Voltage (Pin 3)
VCLAMP VOLTAGE (V)
6
02
3
14
5
10
1000
100
–40°C
+25°C
+125°C
VS = 5V
Figure 14. VCLAMP Current Over Temperature at VS = 5 V vs. VCLAMP Voltage
VCLAMP VOLTAGE (V)
2.7
02
1
10
1000
100
–40
+25
+125
VS = 2.7V
Figure 15. VCLAMP Current Over Temperature at VS = 2.7 vs. VCLAMP Voltage


Similar Part No. - AD8555AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8555ARZ AD-AD8555ARZ Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8555ARZ-REEL AD-AD8555ARZ-REEL Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8555ARZ-REEL1 AD-AD8555ARZ-REEL1 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555ARZ-REEL7 AD-AD8555ARZ-REEL7 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8555ARZ-REEL71 AD-AD8555ARZ-REEL71 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
More results

Similar Description - AD8555AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231 Datasheet
630Kb / 20P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
AD8555 AD-AD8555_15 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable
Rev. A
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com