Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV3210-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV3210-Q1
Description  DRV3210-Q1 Three-Phase Brushless Motor Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV3210-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV3210-Q1 Datasheet HTML 5Page - Texas Instruments DRV3210-Q1 Datasheet HTML 6Page - Texas Instruments DRV3210-Q1 Datasheet HTML 7Page - Texas Instruments DRV3210-Q1 Datasheet HTML 8Page - Texas Instruments DRV3210-Q1 Datasheet HTML 9Page - Texas Instruments DRV3210-Q1 Datasheet HTML 10Page - Texas Instruments DRV3210-Q1 Datasheet HTML 11Page - Texas Instruments DRV3210-Q1 Datasheet HTML 12Page - Texas Instruments DRV3210-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
VCC
VCCUV
RES
PRN
tRES
VSTN
VDDUV
VDD
tRH
tRES
tON
tRL
Rising edge of PRN is
detected to reset
watchdog timer.
tOFF
tON
tON
Pwth
Not Recommended for New Designs
9
DRV3210-Q1
www.ti.com
SLVSC08B – MAY 2013 – REVISED JULY 2016
Product Folder Links: DRV3210-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VB = 12 V, TA = –40°C to +125℃ (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Output level logic low
Isource = 2 mA
0.1 × VCC
V
(1)
Performance of supply voltage 5.3 to 18 V is according to the ACE-Q100 (Grade 1) standard.
(2)
Specified by design.
6.5 Supply Voltage and Current
VB = 12 V, TA = –40°C to +125°C (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY INPUT
VB1(1)
VB supply voltage (motor operation)
Full device functionality
5.3
12
18
V
VB2(1)
VB supply voltage (MCU operation)
Full device functionality
4.5
12
18
V
VB3(2)
VB supply voltage
18
-
28.5
V
Ivb
VB operating current
ENABLE = High, no PWM
-
18
27
mA
Ivbq
VB quiescent current
ENABLE = Low
-
50
100
µA
NOTE: VCC undervoltage condition sets RES = Low.
Figure 1. Watchdog Timing Chart


Similar Part No. - DRV3210-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3210-Q1 TI-DRV3210-Q1_15 Datasheet
453Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results

Similar Description - DRV3210-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3204-Q1 TI1-DRV3204-Q1 Datasheet
542Kb / 38P
[Old version datasheet]   DRV3204-Q1 Three-Phase Brushless Motor Driver
DRV3203-Q1 TI1-DRV3203-Q1 Datasheet
548Kb / 39P
[Old version datasheet]   DRV3203-Q1 Three-Phase Brushless Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com