Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV3210-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV3210-Q1
Description  DRV3210-Q1 Three-Phase Brushless Motor Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV3210-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV3210-Q1 Datasheet HTML 4Page - Texas Instruments DRV3210-Q1 Datasheet HTML 5Page - Texas Instruments DRV3210-Q1 Datasheet HTML 6Page - Texas Instruments DRV3210-Q1 Datasheet HTML 7Page - Texas Instruments DRV3210-Q1 Datasheet HTML 8Page - Texas Instruments DRV3210-Q1 Datasheet HTML 9Page - Texas Instruments DRV3210-Q1 Datasheet HTML 10Page - Texas Instruments DRV3210-Q1 Datasheet HTML 11Page - Texas Instruments DRV3210-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Not Recommended for New Designs
8
DRV3210-Q1
SLVSC08B – MAY 2013 – REVISED JULY 2016
www.ti.com
Product Folder Links: DRV3210-Q1
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VB = 12 V, TA = –40°C to +125℃ (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OVADth
Overcurrent threshold
Rshunt = 1 mΩ, VGain = 30, AREF
= 1 V, ADTH = 2.5 V,
SPI register FLTCFG. MTOCTH,
OVADth = (2 × ADTH -- AREF) /
(Rshunt × VGain)
119.7
133
146.3
A
TDEL_OV
AD
Propagation delay
(rise or fall)
-
-
1.5
µs
tfiltMTOC
filtering time
OSC1 = 9 MHz-11 MHz
0.8
1
1.2
µs
VCC
VCC1
Output Voltage
4.9
5
5.1
V
VCC2
Output Voltage
VB = 4.5 V, ILVCC = 50 mA
4.1
4.5
V
ILVCC
Load Current
50
-
-
mA
VLRVCC
Load regulation
ILVCC = 50 mA
–50
-
50
mV
CVCC
External Capacitance
10
µF
VCCUV
Under voltage detection threshold
SPI register FLTCFG. VCCUVTH
3.7
3.9
4
4.2
4.3
4.5
V
VCCUVHY
S
Under voltage detection threshold
hysteresis
50
100
200
mV
VCCOV
Overvoltage detection threshold
6
6.5
7
V
VCCOC
Current Limit
100
150
300
mA
Tvcc1
Rise Time
VCC > VCCUV, CVCC = 10 µF
0.5
ms
VDD
VDD
Output Voltage
3
3.3
3.6
V
CVDD
Load Capacitance
1
µF
VDDUV
Under voltage detection threshold
2.1
2.3
2.5
V
VDDOV
Overvoltage detection threshold
4
4.3
4.6
V
Tvdd
Rise Time
VDD > VDDUV, CVDD=1µF
100
µs
VB MONITOR
VBOV
VB overvoltage detection threshold
level
26.5
27.5
28.5
V
VBUV
VB Undervoltage detection threshold
level
SPI register FLTCFG. VBUVTH
3.65
4.15
4.65
5.15
4
4.5
5
5.5
4.35
4.85
5.35
5.85
V
THERMAL SHUT DOWN
TSD
Thermal shut down threshold level
155
175
195
°C
TSDhys
Thermal shut down hysteresis
5
10
15
°C
OSCILLATOR
OSC1
OSC1 frequency
9
10
11
MHz
OSC2
OSC2 frequency
10
MHz
INPUT BUFFER1
VIH
Input threshold logic high
0.7 × VCC
V
VIL
Input threshold logic low
0.3 × VCC
V
Ru or Rd
Input pullup or pulldown resistance
50
100
150
OUTPUT BUFFER1(2)
VOH
Output level logic high
Isink = 2.5 mA
0.9 × VCC
V
VOL
Output level logic low
Isource = 2.5 mA
0.1 × VCC
V
OUTPUT BUFFER3
R_RES
Pull up Resistor
2
3
4


Similar Part No. - DRV3210-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3210-Q1 TI-DRV3210-Q1_15 Datasheet
453Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results

Similar Description - DRV3210-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3204-Q1 TI1-DRV3204-Q1 Datasheet
542Kb / 38P
[Old version datasheet]   DRV3204-Q1 Three-Phase Brushless Motor Driver
DRV3203-Q1 TI1-DRV3203-Q1 Datasheet
548Kb / 39P
[Old version datasheet]   DRV3203-Q1 Three-Phase Brushless Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com