Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA746BPGABCQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRA746BPGABCQ1
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
Download  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA746BPGABCQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRA746BPGABCQ1 Datasheet HTML 2Page - Texas Instruments DRA746BPGABCQ1 Datasheet HTML 3Page - Texas Instruments DRA746BPGABCQ1 Datasheet HTML 4Page - Texas Instruments DRA746BPGABCQ1 Datasheet HTML 5Page - Texas Instruments DRA746BPGABCQ1 Datasheet HTML 6Page - Texas Instruments DRA746BPGABCQ1 Datasheet HTML 7Page - Texas Instruments DRA746BPGABCQ1 Datasheet HTML 8Page - Texas Instruments DRA746BPGABCQ1 Datasheet HTML 9Page - Texas Instruments DRA746BPGABCQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 443 page
background image
Copyright © 2015–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: DRA744 DRA745 DRA746 DRA750 DRA751 DRA752 DRA754 DRA755 DRA756
6
DRA744, DRA745, DRA746
DRA750, DRA751, DRA752
DRA754, DRA755, DRA756
SPRS950A – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
Features
Device
Jacinto 6 EX
Jacinto 6 EP
Jacinto 6
DRA756
DRA755
DRA754
DRA752
DRA751
DRA750
DRA746
DRA745
DRA744
Processors/ Accelerators
Speed Grades
P
L
J
P
L
J
P
L
J
ARM Dual Cortex-A15 Microprocessor
Subsystem (MPU)
MPU core 0
Yes
Yes
Yes
MPU core 1
Yes
Yes
Yes
C66x VLIW DSP
DSP1
Yes
Yes
Yes
DSP2
Yes
Yes
No
BitBLT 2D Hardware Acceleration Engine
(BB2D)
BB2D
Yes
Yes
Yes
Display Subsystem
VOUT1
Yes
Yes
Yes
VOUT2
Yes
Yes
Yes
VOUT3
Yes
Yes
Yes
HDMI
Yes
Yes
Yes
Embedded Vision Engine (EVE)
EVE1
Yes
No
No
EVE2
Yes
No
No
ARM Dual Cortex-M4 Image Processing Unit
(IPU)
IPU1
Yes
Yes
Yes
IPU2
Yes
Yes
Yes
Image Video Accelarator (IVA)
IVA
Yes
Yes
Yes
SGX544 Dual-Core 3D Graphics Processing
Unit (GPU)
GPU
Yes
Yes
Yes


Similar Part No. - DRA746BPGABCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA746BPGABCQ1 TI1-DRA746BPGABCQ1 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
More results

Similar Description - DRA746BPGABCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com