Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA745BLGABCQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRA745BLGABCQ1
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
Download  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA745BLGABCQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRA745BLGABCQ1 Datasheet HTML 5Page - Texas Instruments DRA745BLGABCQ1 Datasheet HTML 6Page - Texas Instruments DRA745BLGABCQ1 Datasheet HTML 7Page - Texas Instruments DRA745BLGABCQ1 Datasheet HTML 8Page - Texas Instruments DRA745BLGABCQ1 Datasheet HTML 9Page - Texas Instruments DRA745BLGABCQ1 Datasheet HTML 10Page - Texas Instruments DRA745BLGABCQ1 Datasheet HTML 11Page - Texas Instruments DRA745BLGABCQ1 Datasheet HTML 12Page - Texas Instruments DRA745BLGABCQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 443 page
background image
Copyright © 2015–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: DRA744 DRA745 DRA746 DRA750 DRA751 DRA752 DRA754 DRA755 DRA756
9
DRA744, DRA745, DRA746
DRA750, DRA751, DRA752
DRA754, DRA755, DRA756
www.ti.com
SPRS950A – DECEMBER 2015 – REVISED APRIL 2016
Table 3-1. Device Comparison (continued)
Features
Device
Jacinto 6 EX
Jacinto 6 EP
Jacinto 6
DRA756
DRA755
DRA754
DRA752
DRA751
DRA750
DRA746
DRA745
DRA744
Universal Serial Bus (USB3.0)
USB1
(SuperSpeed,
Dual-Role-Device
[DRD])
Yes
Yes
Yes
Universal Serial Bus (USB2.0)
USB2 (HighSpeed,
Dual-Role-Device
[DRD], with
embedded HS
PHY)
Yes
Yes
Yes
USB3 (HighSpeed,
OTG2.0, with
ULPI)
Yes
Yes
Yes
USB4 (HighSpeed,
OTG2.0, with
ULPI)
Yes
Yes
Yes(1)
(1) USB4 will not be supported on some pin-compatible roadmap devices. USB3 will be mapped to these balls instead. Pin compatibility can be maintained in the future by either not using
USB4, or via software change to use USB4 on this device, but USB3 on these balls in the future.
(2) In the Unified L3 memory map, there is maximum of 2GB of SDRAM space which is available to all L3 initiators including MPU (MPU, GPU, DSP, IVA, DMA, etc). Typically this space is
interleaved across both EMIFs to optimize memory performance. If a system populates > 2GB of physical memory, that additional addressable space can be accessed only by the MPU
via the ARM V7 Large Physical Address Extensions (LPAE).
3.2
Related Products
Automotive Processors
DRAx Infotainment SoCs The "Jacinto 6" family of infotainment processors (DRA7xx), paired with robust software and ecosystem offering bring
unprecedented feature-rich, in-vehicle infotainment, instrument cluster and telematics features to the next generation automobiles.


Similar Part No. - DRA745BLGABCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA745BLGABCQ1 TI1-DRA745BLGABCQ1 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
More results

Similar Description - DRA745BLGABCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com