Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV201 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201
Description  DRV201 Voice Coil Motor Driver for Camera Auto Focus
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV201 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV201 Datasheet HTML 6Page - Texas Instruments DRV201 Datasheet HTML 7Page - Texas Instruments DRV201 Datasheet HTML 8Page - Texas Instruments DRV201 Datasheet HTML 9Page - Texas Instruments DRV201 Datasheet HTML 10Page - Texas Instruments DRV201 Datasheet HTML 11Page - Texas Instruments DRV201 Datasheet HTML 12Page - Texas Instruments DRV201 Datasheet HTML 13Page - Texas Instruments DRV201 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
DRV201
SLVSB25C – AUGUST 2011 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
Table 1. VCM Resonance Frequency Control Register (07h) Table
VCM
VCM_FREQ[7:0] (07h)
VCM
VCM_FREQ[7:0] (07h)
VCM
VCM_FREQ[7:0] (07h)
RESONANCE
RESONANCE
RESONANCE
FREQUENCY
FREQUENCY
FREQUENCY
DEC
BIN
DEC
BIN
DEC
BIN
[Hz]
[Hz]
[Hz]
50
0
0
84
154
10011010
118
220
11011100
51
7
111
85
157
10011101
119
222
11011110
52
14
1110
86
160
10100000
120
223
11011111
53
21
10101
87
162
10100010
121
224
11100000
54
27
11011
88
165
10100101
122
226
11100010
55
34
100010
89
167
10100111
123
227
11100011
56
40
101000
90
170
10101010
124
228
11100100
57
46
101110
91
172
10101100
125
229
11100101
58
52
110100
92
174
10101110
126
231
11100111
59
58
111010
93
177
10110001
127
232
11101000
60
63
111111
94
179
10110011
128
233
11101001
61
68
1000100
95
181
10110101
129
234
11101010
62
73
1001001
96
183
10110111
130
235
11101011
63
78
1001110
97
185
10111001
131
236
11101100
64
83
1010011
98
187
10111011
132
238
11101110
65
88
1011000
99
189
10111101
133
239
11101111
66
92
1011100
100
191
10111111
134
240
11110000
67
96
1100000
101
193
11000001
135
241
11110001
68
101
1100101
102
195
11000011
136
242
11110010
69
105
1101001
103
197
11000101
137
243
11110011
70
109
1101101
104
198
11000110
138
244
11110100
71
113
1110001
105
200
11001000
139
245
11110101
72
116
1110100
106
202
11001010
140
246
11110110
73
120
1111000
107
204
11001100
141
247
11110111
74
124
1111100
108
205
11001101
142
248
11111000
75
127
1111111
109
207
11001111
143
249
11111001
76
130
10000010
110
208
11010000
144
250
11111010
77
134
10000110
111
210
11010010
145
251
11111011
78
137
10001001
112
212
11010100
146
251
11111011
79
140
10001100
113
213
11010101
147
252
11111100
80
143
10001111
114
215
11010111
148
253
11111101
81
146
10010010
115
216
11011000
149
254
11111110
82
149
10010101
116
217
11011001
150
255
11111111
83
152
10011000
117
219
11011011
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DRV201


Similar Part No. - DRV201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201A TI-DRV201A Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201AYMBR TI-DRV201AYMBR Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201AYMBRB TI-DRV201AYMBRB Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201YFMR TI1-DRV201YFMR Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results

Similar Description - DRV201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201A TI-DRV201A Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com