Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV104PWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV104PWP
Description  1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV104PWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV104PWP Datasheet HTML 7Page - Texas Instruments DRV104PWP Datasheet HTML 8Page - Texas Instruments DRV104PWP Datasheet HTML 9Page - Texas Instruments DRV104PWP Datasheet HTML 10Page - Texas Instruments DRV104PWP Datasheet HTML 11Page - Texas Instruments DRV104PWP Datasheet HTML 12Page - Texas Instruments DRV104PWP Datasheet HTML 13Page - Texas Instruments DRV104PWP Datasheet HTML 14Page - Texas Instruments DRV104PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DRV104
11
SBVS036B
www.ti.com
FIGURE 12. Recommended PCB Layout.
FIGURE 13. PowerPAD Heat Transfer.
FIGURE 14. Heat-Sink Thermal Resistance vs PCB Copper
Area.
PACKAGE MOUNTING
Figure 12 provides recommended printed circuit board (PCB)
layouts for the PowerPAD HTSSOP-14 package. The metal
pad of the PowerPAD HTSSOP-14 package is electrically
isolated from other pins and ideally should be connected to
a ground. For reliable operation, the PowerPAD must be
directly soldered to a circuit board, as shown in Figure 13.
Increasing the heat-sink copper area improves heat dissipa-
tion. Figure 14 shows typical junction-to-ambient thermal
resistance as a function of the PCB copper area.
POWER DISSIPATION
The DRV104 power dissipation depends on power supply,
signal, and load conditions. Power dissipation (PD) is equal to
the product of output current times the voltage across the
conducting DMOS transistor times the duty cycle. Using the
lowest possible duty cycle necessary to assure the required
hold force can minimize power dissipation in both the load and
in the DRV104. At 1A, the output DMOS transistor on-resis-
tance is 0.45
Ω, increasing to 0.65Ω at current limit.
Solder Attachment
to PCB
2.0
0.33
2.4
0.65
0.0
1.0
2.0
3.5
(all dimensions in mm)
Copper Traces
Signal Trace
Copper Pad
Thermal Vias
DRV104 Die
Pad-to-Board
Solder
THERMAL RESISTANCE vs
PCB COPPER AREA
80
70
60
50
40
30
012345
Copper Area (inches2)
DRV104
PowerPAD
Surface-Mount Package
1oz. Copper


Similar Part No. - DRV104PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV104PWP TI1-DRV104PWP Datasheet
1Mb / 25P
[Old version datasheet]   1.2A PWM High-Side Driver
DRV104PWPR TI1-DRV104PWPR Datasheet
1Mb / 25P
[Old version datasheet]   1.2A PWM High-Side Driver
More results

Similar Description - DRV104PWP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV104 BURR-BROWN-DRV104 Datasheet
350Kb / 18P
   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
DRV103UG4 BURR-BROWN-DRV103UG4 Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV103 TI-DRV103 Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
DRV104PWPR TI1-DRV104PWPR Datasheet
1Mb / 25P
[Old version datasheet]   1.2A PWM High-Side Driver
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
logo
Toshiba Semiconductor
TPD1011S TOSHIBA-TPD1011S Datasheet
352Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
TPD1034F TOSHIBA-TPD1034F_07 Datasheet
456Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1033F TOSHIBA-TPD1033F_07 Datasheet
427Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1018F TOSHIBA-TPD1018F Datasheet
291Kb / 7P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com