Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83867IRPAPT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DP83867IRPAPT
Description  DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83867IRPAPT Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP83867IRPAPT Datasheet HTML 7Page - Texas Instruments DP83867IRPAPT Datasheet HTML 8Page - Texas Instruments DP83867IRPAPT Datasheet HTML 9Page - Texas Instruments DP83867IRPAPT Datasheet HTML 10Page - Texas Instruments DP83867IRPAPT Datasheet HTML 11Page - Texas Instruments DP83867IRPAPT Datasheet HTML 12Page - Texas Instruments DP83867IRPAPT Datasheet HTML 13Page - Texas Instruments DP83867IRPAPT Datasheet HTML 14Page - Texas Instruments DP83867IRPAPT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
11
DP83867IR, DP83867CR
www.ti.com
SNLS484D – FEBRUARY 2015 – REVISED JULY 2016
Product Folder Links: DP83867IR DP83867CR
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table 2. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NUMBER
PAP
RGZ
General Purpose I/O
GPIO_0
39
S, O, PD
General Purpose I/O: This signal provides a multi-function
configurable I/O. Please refer to the GPIO_MUX_CTRL register for
details.
GPIO_1
40
S, O, PD
General Purpose I/O: This signal provides a multi-function
configurable I/O. Please refer to the GPIO_MUX_CTRL register for
details.
MANAGEMENT INTERFACE
MDC
20
16
I, PD
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO
serial management input/output data. This clock may be
asynchronous to the MAC transmit and receive clocks. The
maximum clock rate is 25MHz and no minimum.
MDIO
21
17
I/O
MANAGEMENT DATA I/O: Bi-directional management
instruction/data signal that may be sourced by the management
station or the PHY. This pin requires pullup resistor. The IEEE
specified resistor value is 1.5kΩ, but a 2.2kΩ is acceptable.
INT / PWDN
60
44
I/O, PU
INTERRUPT / POWER DOWN:
The default function of this pin is POWER DOWN.
POWER DOWN: Asserting this signal low enables the Power Down
mode of operation. In this mode, the device will power down and
consume minimum power. Register access will be available
through the Management Interface to configure and power up the
device.
INTERRUPT: This pin may be programmed as an interrupt output
instead of a Powerdown input. In this mode, Interrupts will be
asserted low using this pin. Register access is required for the pin
to be used as an interrupt mechanism. When operating this pin as
an interrupt, an external 2.2kΩ connected to the VDDIO supply is
recommended.
RESET
RESET_N
59
43
I, PU
RESET: The active low RESET initializes or re-initializes the
DP83867. All internal registers will re-initialize to their default state
upon assertion of RESET. The RESET input must be held low for a
minimum of 1µs.
CLOCK INTERFACE
XI
19
15
I
CRYSTAL/OSCILLATOR INPUT: 25 MHz oscillator or crystal input
(50 ppm)
XO
18
14
O
CRYSTAL OUTPUT: Second terminal for 25 MHz crystal. Must be
left floating if a clock oscillator is used.
CLK_OUT
22
18
O
CLOCK OUTPUT: Output clock
JTAG INTERFACE
JTAG_CLK
25
20
I, PU
JTAG TEST CLOCK: IEEE 1149.1 Test Clock input, primary clock
source for all test logic input and output controlled by the testing
entity.
JTAG_TDO
26
21
O
JTAG TEST DATA OUTPUT: IEEE 1149.1 Test Data Output pin,
the most recent test results are scanned out of the device via TDO.
JTAG_TMS
27
22
I, PU
JTAG TEST MODE SELECT: IEEE 1149.1 Test Mode Select pin,
the TMS pin sequences the Tap Controller (16-state FSM) to select
the desired test instruction.
JTAG_TDI
28
23
I, PU
JTAG TEST DATA INPUT: IEEE 1149.1 Test Data Input pin, test
data is scanned into the device via TDI.
JTAG_TRSTN
24
I, PU
JTAG TEST RESET: IEEE 1149.1 Test Reset pin, active low reset
provides for asynchronous reset of the Tap Controller. This reset
has no effect on the device registers.


Similar Part No. - DP83867IRPAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83867IRPAPT TI1-DP83867IRPAPT Datasheet
1Mb / 130P
[Old version datasheet]   High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
More results

Similar Description - DP83867IRPAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83867IR TI1-DP83867IR Datasheet
1Mb / 130P
[Old version datasheet]   High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
DP83867CS TI1-DP83867CS Datasheet
1Mb / 114P
[Old version datasheet]   High Immunity, Small Form Factor 10/100/1000 Ethernet Physical Layer Transceiver
DP83869HM TI1-DP83869HM Datasheet
1Mb / 138P
[Old version datasheet]   High Immunity 10/100/1000 Ethernet Physical Layer Transceiver With Copper and Fiber Interface
logo
National Semiconductor ...
DP83865 NSC-DP83865_04 Datasheet
589Kb / 86P
   10/100/1000 Ethernet Physical Layer
logo
Texas Instruments
DP83822HF TI1-DP83822HF Datasheet
393Kb / 47P
[Old version datasheet]   Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83861VQM NSC-DP83861VQM Datasheet
741Kb / 88P
   Gig PHYTER 10/100/1000 Ethernet Physical Layer
DP83864 NSC-DP83864 Datasheet
48Kb / 4P
   DP83864 Quad GigPHYTER 10/100/1000 Ethernet Physical Layer
DP83865BVH NSC-DP83865BVH Datasheet
31Kb / 2P
   Gig PHYTER V 10/100/1000 Ethernet Physical Layer
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
[Old version datasheet]   Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83865DVH-NOPB TI1-DP83865DVH-NOPB Datasheet
628Kb / 88P
[Old version datasheet]   DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com