Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA658 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRA658
Description  High-Performance Automotive Media
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA658 Datasheet(HTML) 2 Page - Texas Instruments

  DRA658 Datasheet HTML 1Page - Texas Instruments DRA658 Datasheet HTML 2Page - Texas Instruments DRA658 Datasheet HTML 3Page - Texas Instruments DRA658 Datasheet HTML 4Page - Texas Instruments DRA658 Datasheet HTML 5Page - Texas Instruments DRA658 Datasheet HTML 6Page - Texas Instruments DRA658 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DRA64x, DRA65x
SPRT656 – JANUARY 2013
www.ti.com
– Advanced Video Processing Features Such
• One System Watchdog Timer (WDT 0)
as Scan/Format/Rate Conversion
• Six Configurable UART/IrDA/CIR Modules
– Three Graphics Layers and Compositors
– UART0 With Modem Control Signals
• Dual 32-bit DDR2/DDR3 SDRAM Interfaces
– Supports up to 3.6864 Mbps UART0/1/2
– Supports up to DDR2-800 and DDR3-800
– Supports up to 12 Mbps UART3
– Up to Eight x 8 Devices Total 2 GB Total
– SIR, MIR, FIR (4.0 MBAUD), and CIR
Address Space
• Four Serial Peripheral Interfaces (SPIs) [up to
– Dynamic Memory Manager (DMM)
48-MHz]
Programmable Multi-Zone Memory
– Each With Four Chip-Selects
Mapping and Interleaving
• Three MMC/SD/SDIO Serial Interfaces [up to 48-
Enables Efficient 2D Block Accesses
MHz]
Supports Tiled Objects in 0°, 90°, 180°, or
– Three Supporting up to 1-/4-/8-Bit Modes
270° Orientation and Mirroring
• Dual Controller Area Network (DCAN) Modules
Optimizes Interlaced Accesses
– CAN Version 2 Part A, B
• General Purpose Memory Controller (GPMC)
• Four Inter-Integrated Circuit (I2C Bus™) Ports
– 8-/16-bit Multiplexed Address/Data Bus
• Six Multi-Channel Audio Serial Ports (McASP)
– 512M-Byte Total Address Space Divided
– Dual Ten Serializer Transmit/Receive Ports
Among up to 8 Chip Selects
– Quad Four Serializer Transmit/Receive Ports
– Glueless Interface to NOR Flash, NAND
– DIT-Capable For S/PDIF (All Ports)
Flash (BCH/Hamming Error Code Detection),
• Multi-Channel Buffered Serial Port (McBSP)
SRAM and Pseudo-SRAM
– Transmit/Receive Clocks up to 48 MHz
– Error Locator Module (ELM) Outside of
– Two Clock Zones and Two Serial Data Pins
GPMC to Provide Upto 16-Bit/512-Bytes
– Supports TDM, I2S, and Similar Formats
Hardware ECC for NAND
• Serial ATA (SATA) 3.0 Gbps Controller With
– Flexible Asynchronous Protocol Control for
Integrated PHY
Interface to FPGA, CPLD, ASICs, and so
Forth
– Direct Interface to One Hard Disk Drive
• Enhanced Direct-Memory-Access (EDMA)
– Hardware-Assisted Native Command
Controller
Queuing (NCQ) from up to 32 Entries
– Four Transfer Controllers
– Supports Port Multiplier and Command-
Based Switching
– 64/8 Independent DMA/QDMA Channels
• Parallel ATA/ATAPI I/F (ATA/ATAPI-6
• Dual Port Ethernet (10/100/1000 Mb/s) With
Specification)
Optional Switch
– PIO, Multiword DMA, and UDMA
– IEEE 802.3 Compliant (3.3V I/O Only)
• Real-Time Clock (RTC)
– MII/RMII/GMII/RGMII Media Independent I/Fs
– One-Time or Periodic Interrupt Generation
– Management Data I/O (MDIO) Module
• Up to 128 General-Purpose I/O (GPIO) Pins
– Reset Isolation
• One Spin Lock Module with up to 128 Hardware
– IEEE-1588 Time-Stamping, AVB, and
Semaphores
Industrial Ethernet Protocols
• One Mailbox Module with 12 Mailboxes
• Dual USB 2.0 Ports With Integrated PHYs
• On-Chip ARM ROM Bootloader (RBL)
– USB2.0 High-/Full-Speed Clients
• Power, Reset, and Clock Management
– USB2.0 High-/Full-/Low-Speed Hosts, or OTG
– Multiple Independent Core Power Domains
– Supports End Points 0-15
– Multiple Independent Core Voltage Domains
• One PCI Express 2.0 Port With Integrated PHY
– Support for Three Operating Points
– Single Port With 1 Lane at 5.0 GT/s
(OPP166/120/100) per Voltage Domain
– Configurable as Root Complex or Endpoint
– Clock Enable/Disable Control for
• MLB Subsystem (MLBSS)
Subsystems and Peripherals
– MLB 3-pin or 6-pin interfaces
• 32KB Embedded Trace Buffer™ (ETB™) and 5-
– Enables Connection to MOST Optical Rings
pin Trace Interface for Debug
– MOST25/50/150 (up to 100Mbps)
• IEEE-1149.1 (JTAG) Compatible
• Audio Tracking Logic (ATL)
• 684-Pin Pb-Free BGA Package (CYE Suffix),
– Asyncronous SRC Assist
0.8-mm Ball Pitch With Via Channel™
• Eight 32-bit General-Purpose Timers (Timer1–8)
Technology to Reduce PCB Cost
2
High-Performance System-on-Chip (SoC)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - DRA658

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DRA600W0R1JC TOKEN-DRA600W0R1JC Datasheet
413Kb / 9P
   DR Round-Wirewound Power Resistors
DRA600W0R1JG TOKEN-DRA600W0R1JG Datasheet
413Kb / 9P
   DR Round-Wirewound Power Resistors
DRA600W0R1JN TOKEN-DRA600W0R1JN Datasheet
413Kb / 9P
   DR Round-Wirewound Power Resistors
DRA600W0R1JZ TOKEN-DRA600W0R1JZ Datasheet
413Kb / 9P
   DR Round-Wirewound Power Resistors
DRA600W0R1KC TOKEN-DRA600W0R1KC Datasheet
413Kb / 9P
   DR Round-Wirewound Power Resistors
More results

Similar Description - DRA658

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C113P ATMEL-AT76C113P Datasheet
64Kb / 3P
   HIGH - PERFORMANCE DIGITAL MEDIA PROCESSOR
logo
Sensortechnics GmbH
PULSE-VALVES-9-99 SENSORTECHNICS-PULSE-VALVES-9-99 Datasheet
99Kb / 3P
   High-performance media resistant soleniod valves
009-0100-900 SENSORTECHNICS-009-0100-900 Datasheet
188Kb / 5P
   High-performance media resistant soleniod valves
logo
ams AG
AS8413 AMSCO-AS8413 Datasheet
125Kb / 15P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
AS8412 AMSCO-AS8412 Datasheet
116Kb / 14P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
logo
Silicon Laboratories
SI47903 SILABS-SI47903 Datasheet
61Kb / 2P
   High-Performance Automotive AM/FM Radio
logo
MultiDimension Technolo...
TMR308X MULTIDIMENSION-TMR308X Datasheet
1,016Kb / 9P
   High Performance Automotive TMR Angle Sensor
Version 1.0
logo
OmniVision Technologies...
OV07710-F48V OMNIVISION-OV07710-F48V Datasheet
120Kb / 2P
   high-performance, all-digital automotive solution
logo
Infineon Technologies A...
KP275 INFINEON-KP275 Datasheet
1Mb / 29P
   Increased media robustness for current automotive requirements
Revision 1.0, 2016-06-20
logo
Silicon Laboratories
SI47920 SILABS-SI47920 Datasheet
1,016Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com