Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA745 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRA745
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
Download  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA745 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRA745 Datasheet HTML 3Page - Texas Instruments DRA745 Datasheet HTML 4Page - Texas Instruments DRA745 Datasheet HTML 5Page - Texas Instruments DRA745 Datasheet HTML 6Page - Texas Instruments DRA745 Datasheet HTML 7Page - Texas Instruments DRA745 Datasheet HTML 8Page - Texas Instruments DRA745 Datasheet HTML 9Page - Texas Instruments DRA745 Datasheet HTML 10Page - Texas Instruments DRA745 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 443 page
background image
Copyright © 2015–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: DRA744 DRA745 DRA746 DRA750 DRA751 DRA752 DRA754 DRA755 DRA756
7
DRA744, DRA745, DRA746
DRA750, DRA751, DRA752
DRA754, DRA755, DRA756
www.ti.com
SPRS950A – DECEMBER 2015 – REVISED APRIL 2016
Table 3-1. Device Comparison (continued)
Features
Device
Jacinto 6 EX
Jacinto 6 EP
Jacinto 6
DRA756
DRA755
DRA754
DRA752
DRA751
DRA750
DRA746
DRA745
DRA744
Video Input Port (VIP)
VIP1
vin1a
Yes
Yes
No
vin1b
Yes
Yes
No
vin2a
Yes
Yes
Yes
vin2b
Yes
Yes
Yes
VIP2
vin3a
Yes
Yes
Yes
vin3b
Yes
Yes
Yes
vin4a
Yes
Yes
Yes
vin4b
Yes
Yes
Yes
VIP3
vin5a
Yes
Yes
No
vin6a
Yes
Yes
No
Video Processing Engine (VPE)
VPE
Yes
Yes
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512KB
512KB
512KB
OCMC_RAM2
1MB
No
No
OCMC_RAM3
1MB
No
No
General-Purpose Memory Controller (GPMC)
GPMC
Yes
Yes
Yes
DDR2/DDR3 Memory Controller (2)
EMIF1
up to 2GB (with optional SECDED)
up to 2GB (with optional SECDED)
up to 2GB
EMIF2
up to 2GB
up to 2GB
up to 2GB
Dynamic Memory Manager (DMM)
DMM
Yes
Yes
Yes
Radio Support
Audio Tracking Logic (ATL)
ATL
Yes
Yes
Yes
Viterbi Coprocessor (VCP)
VCP1
Yes
Yes
Yes
VCP2
Yes
Yes
Yes
Peripherals
Dual Controller Area Network Interface (DCAN)
DCAN1
Yes
Yes
Yes
DCAN2
Yes
Yes
Yes
Enhanced DMA (EDMA)
EDMA
Yes
Yes
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Yes
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
MII, RMII, or RGMII
MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
MII, RMII, or RGMII
MII, RMII, or RGMII
General-Purpose I/O (GPIO)
GPIO
up to 247
up to 247
up to 247


Similar Part No. - DRA745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA745BLGABCQ1 TI1-DRA745BLGABCQ1 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA745BLGABCRQ1 TI1-DRA745BLGABCRQ1 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
More results

Similar Description - DRA745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com