Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83848LFQSQ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848LFQSQ
Description  MII Serial Management Interface
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848LFQSQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button DP83848LFQSQ Datasheet HTML 2Page - Texas Instruments DP83848LFQSQ Datasheet HTML 3Page - Texas Instruments DP83848LFQSQ Datasheet HTML 4Page - Texas Instruments DP83848LFQSQ Datasheet HTML 5Page - Texas Instruments DP83848LFQSQ Datasheet HTML 6Page - Texas Instruments DP83848LFQSQ Datasheet HTML 7Page - Texas Instruments DP83848LFQSQ Datasheet HTML 8Page - Texas Instruments DP83848LFQSQ Datasheet HTML 9Page - Texas Instruments DP83848LFQSQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
DP83848LFQ
SNLS480A – JULY 2014 – REVISED APRIL 2015
www.ti.com
3.2
Package Pin Assignments
PIN NO.
PIN NAME
1
IO_VDD
2
TX_CLK
3
TX_EN
4
TXD_0
5
TXD_1
6
TXD_2
7
TXD_3
8
RESERVED
9
RESERVED
10
RESERVED
11
RD–
12
RD+
13
AGND
14
TD–
15
TD+
16
PFBIN1
17
AGND
18
AVDD33
19
PFBOUT
20
RBIAS
21
CLK_OUT
22
LED_LINK/AN0
23
RESET_N
24
MDIO
25
MDC
26
IOVDD33
27
X2
28
X1
29
DGND
30
PFBIN2
31
RX_CLK
32
RX_DV/MII_MODE
33
CRS/CRS_DV/LED_CFG
34
RX_ER/MDIX_EN
35
COL/PHYAD0
36
RXD_0/PHYAD1
37
RXD_1/PHYAD2
38
RXD_2/PHYAD3
39
RXD_3/PHYAD4
40
IOGND
DAP
NC or GND(1)
(1)
Die Attach Pad (DAP) provides thermal dissipation. Connection to GND plane recommended.
6
Pin Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - DP83848LFQSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP Datasheet
1Mb / 92P
[Old version datasheet]   PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
DP83848-EP TI1-DP83848-EP Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP Datasheet
2Mb / 98P
[Old version datasheet]   DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP_V02 Datasheet
2Mb / 98P
[Old version datasheet]   DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
More results

Similar Description - DP83848LFQSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848Q-Q1 TI1-DP83848Q-Q1 Datasheet
2Mb / 82P
[Old version datasheet]   MII Serial Management Interface
DP83848H TI1-DP83848H_15 Datasheet
2Mb / 84P
[Old version datasheet]   MII Serial Management Interface
logo
List of Unclassifed Man...
ADM8511 ETC1-ADM8511 Datasheet
672Kb / 57P
   USB / FAST ETHERNET WITH MII INTERFACE
logo
Davicom Semiconductor, ...
DM8606C DAVICOM-DM8606C Datasheet
102Kb / 2P
   6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
   Serial Interface
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
   Serial Interface
logo
Renesas Technology Corp
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com