Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83848LFQ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848LFQ
Description  MII Serial Management Interface
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848LFQ Datasheet(HTML) 1 Page - Texas Instruments

  DP83848LFQ Datasheet HTML 1Page - Texas Instruments DP83848LFQ Datasheet HTML 2Page - Texas Instruments DP83848LFQ Datasheet HTML 3Page - Texas Instruments DP83848LFQ Datasheet HTML 4Page - Texas Instruments DP83848LFQ Datasheet HTML 5Page - Texas Instruments DP83848LFQ Datasheet HTML 6Page - Texas Instruments DP83848LFQ Datasheet HTML 7Page - Texas Instruments DP83848LFQ Datasheet HTML 8Page - Texas Instruments DP83848LFQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DP83848LFQ
SNLS480A – JULY 2014 – REVISED APRIL 2015
DP83848LFQ PHYTER™ Extended-Temperature, Single-Port 10/100-Mbps Ethernet
Physical Layer Transceiver
1
Device Overview
1.1
Features
1
• AEC-Q100 Grade 2
• IEEE 802.3u ENDEC, 10BASE-T Transceivers and
Filters
• Extreme Temperature From –40°C to 105°C
• IEEE 802.3u PCS, 100BASE-TX Transceivers and
• Low-Power 3.3-V, 0.18-µm CMOS Technology
Filters
• Low Power Consumption < 270 mW Typical
• Integrated ANSI X3.263 Compliant TP-PMD
• 3.3-V MAC Interface
Physical Sublayer With Adaptive Equalization and
• Auto-MDIX for 10/100 Mb/s
Baseline Wander Compensation
• Energy Detection Mode
• Error-Free Operation up to 150 Meters
• 25-MHz Clock Out
• Programmable LED Support for Link and Activity
• RMII Rev. 1.2 Interface (Configurable)
• Single Register Access for Complete PHY Status
• MII Serial Management Interface (MDC and MDIO)
• 10/100-Mb/s Packet BIST (Built in Self Test)
• IEEE 802.3u MII
• IEEE 802.3u Auto-Negotiation and Parallel
Detection
1.2
Applications
Automotive and Transportation
General Embedded Applications
Industrial Controls and Factory Automation
1.3
Description
The number of applications requiring Ethernet connectivity continues to increase, driving Ethernet-enabled
devices into harsher environments.
The DP83848LFQ was designed to meet the challenge of these new applications with an extended
temperature performance that goes beyond the typical Industrial temperature range. The DP83848LFQ is
a highly reliable, feature rich, robust device which meets IEEE 802.3u standards over an extended
temperature range of –40°C to 105°C. This device is ideally suited for harsh environments such as
automotive and transportation, wireless remote base stations, and industrial control applications.
The device offers enhanced ESD protection and the choice of an MII or RMII interface for maximum
flexibility in MPU selection; all in a 40 pin VQFN package.
The DP83848LFQ extends the leadership position of the PHYTER™ family of devices with a wide
operating temperature range. The TI line of PHYTER transceivers builds on decades of Ethernet expertise
to offer the high performance and flexibility that allows the end user an easy implementation tailored to
meet these application needs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DP83848LFQ
VQFN (40) RMM
6.00 mm × 6.00 mm
(1)
For all available packages, see the orderable addendum at the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DP83848LFQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP Datasheet
1Mb / 92P
[Old version datasheet]   PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
DP83848-EP TI1-DP83848-EP Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP Datasheet
2Mb / 98P
[Old version datasheet]   DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP_V02 Datasheet
2Mb / 98P
[Old version datasheet]   DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
More results

Similar Description - DP83848LFQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848Q-Q1 TI1-DP83848Q-Q1 Datasheet
2Mb / 82P
[Old version datasheet]   MII Serial Management Interface
DP83848H TI1-DP83848H_15 Datasheet
2Mb / 84P
[Old version datasheet]   MII Serial Management Interface
logo
List of Unclassifed Man...
ADM8511 ETC1-ADM8511 Datasheet
672Kb / 57P
   USB / FAST ETHERNET WITH MII INTERFACE
logo
Davicom Semiconductor, ...
DM8606C DAVICOM-DM8606C Datasheet
102Kb / 2P
   6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
   Serial Interface
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
   Serial Interface
logo
Renesas Technology Corp
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com