Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83848LFQ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848LFQ
Description  MII Serial Management Interface
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848LFQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button DP83848LFQ Datasheet HTML 3Page - Texas Instruments DP83848LFQ Datasheet HTML 4Page - Texas Instruments DP83848LFQ Datasheet HTML 5Page - Texas Instruments DP83848LFQ Datasheet HTML 6Page - Texas Instruments DP83848LFQ Datasheet HTML 7Page - Texas Instruments DP83848LFQ Datasheet HTML 8Page - Texas Instruments DP83848LFQ Datasheet HTML 9Page - Texas Instruments DP83848LFQ Datasheet HTML 10Page - Texas Instruments DP83848LFQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
DP83848LFQ
www.ti.com
SNLS480A – JULY 2014 – REVISED APRIL 2015
3.3
Serial Management Interface
SIGNAL
TYPE
PIN NO.
DESCRIPTION
NAME
MDC
I
25
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO management data input/output
serial interface which may be asynchronous to transmit and receive clocks. The maximum clock
rate is 25 MHz with no minimum clock rate.
MDIO
I/O
24
MANAGEMENT DATA I/O: Bi-directional management instruction/data signal that may be
sourced by the station management entity or the PHY. This pin requires a 1.5 k
Ω pullup resistor.
3.4
MAC Data Interface
SIGNAL
TYPE
PIN NO.
DESCRIPTION
NAME
TX_CLK
O
2
MII TRANSMIT CLOCK: 25 MHz Transmit clock output in 100 Mb/s mode or 2.5 MHz in 10 Mb/s
mode derived from the 25 MHz reference clock.
Unused in RMII mode. The device uses the X1 reference clock input as the 50 MHz reference for
both transmit and receive.
TX_EN
I, PD
3
MII TRANSMIT ENABLE: Active high input indicates the presence of valid data inputs on
TXD[3:0].
RMII TRANSMIT ENABLE: Active high input indicates the presence of valid data on TXD[1:0].
TXD_0
I
4
MII TRANSMIT DATA: Transmit data MII input pins, TXD[3:0], that accept data synchronous to
TXD_1
5
the TX_CLK (2.5 MHz in 10 Mb/s mode or 25 MHz in 100 Mb/s mode).
TXD_2
6
RMII TRANSMIT DATA: Transmit data RMII input pins, TXD[1:0], that accept data synchronous to
TXD_3
I, PD
7
the 50 MHz reference clock.
RX_CLK
O
31
MII RECEIVE CLOCK: Provides the 25 MHz recovered receive clocks for 100 Mb/s mode and 2.5
MHz for 10 Mb/s mode.
Unused in RMII mode. The device uses the X1 reference clock input as the 50 MHz reference for
both transmit and receive.
RX_DV
S, O, PD
32
MII RECEIVE DATA VALID: Asserted high to indicate that valid data is present on the
corresponding RXD[3:0]. Mll mode by default with internal pulldown.
RMII Synchronous RECEIVE DATA VALID:This signal provide the RMII Receive Data Valid
indication independent of Carrier Sense.
RX_ER
S, O, PU
34
MII RECEIVE ERROR: Asserted high synchronously to RX_CLK to indicate that an invalid symbol
has been detected within a received packet in 100 Mb/s mode.
RMII RECEIVE ERROR: Asserted high synchronously to X1 whenever an invalid symbol is
detected, and CRS_DV is asserted in 100 Mb/s mode.
This pin is not required to be used by a MAC in either MII or RMII mode, because the Phy is
required to corrupt data on a receive error.
RXD_0
S, O, PD
36
MII RECEIVE DATA: Nibble wide receive data signals driven synchronously to the RX_CLK, 25
RXD_1
37
MHz for 100 Mb/s mode, 2.5 MHz for 10 Mb/s mode). RXD[3:0] signals contain valid data when
RXD_2
38
RX_DV is asserted.
RXD_3
39
RMII RECEIVE DATA: 2-bits receive data signals, RXD[1:0], driven synchronously to the X1 clock,
50 MHz.
CRS/CRS_DV
S, O, PU
33
MII CARRIER SENSE: Asserted high to indicate the receive medium is non-idle.
RMII CARRIER SENSE/RECEIVE DATA VALID: This signal combines the RMII Carrier and
Receive Data Valid indications. For a detailed description of this signal, see the RMII Specification.
COL
S, O, PU
35
MII COLLISION DETECT: Asserted high to indicate detection of a collision condition
(simultaneous transmit and receive activity) in 10 Mb/s and 100 Mb/s Half Duplex Modes.
While in 10BASE-T Half Duplex mode with heartbeat enabled this pin is also asserted for a
duration of approximately 1µs at the end of transmission to indicate heartbeat (SQE test).
In Full Duplex Mode, for 10 Mb/s or 100 Mb/s operation, this signal is always logic 0. There is no
heartbeat function during 10 Mb/s full duplex operation.
RMII COLLISION DETECT: Per the RMII Specification, no COL signal is required. The MAC will
recover CRS from the CRS_DV signal and use that along with its TX_EN signal to determine
collision.
Copyright © 2014–2015, Texas Instruments Incorporated
Pin Configuration and Functions
7
Submit Documentation Feedback


Similar Part No. - DP83848LFQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP Datasheet
1Mb / 92P
[Old version datasheet]   PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
DP83848-EP TI1-DP83848-EP Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP Datasheet
2Mb / 98P
[Old version datasheet]   DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP_V02 Datasheet
2Mb / 98P
[Old version datasheet]   DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
More results

Similar Description - DP83848LFQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848Q-Q1 TI1-DP83848Q-Q1 Datasheet
2Mb / 82P
[Old version datasheet]   MII Serial Management Interface
DP83848H TI1-DP83848H_15 Datasheet
2Mb / 84P
[Old version datasheet]   MII Serial Management Interface
logo
List of Unclassifed Man...
ADM8511 ETC1-ADM8511 Datasheet
672Kb / 57P
   USB / FAST ETHERNET WITH MII INTERFACE
logo
Davicom Semiconductor, ...
DM8606C DAVICOM-DM8606C Datasheet
102Kb / 2P
   6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
   Serial Interface
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
   Serial Interface
logo
Renesas Technology Corp
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com