Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N24C Datasheet(PDF) 3 Page - Texas Instruments

Part # N24C
Description  DP8573A Real Time Clock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

N24C Datasheet(HTML) 3 Page - Texas Instruments

  N24C Datasheet HTML 1Page - Texas Instruments N24C Datasheet HTML 2Page - Texas Instruments N24C Datasheet HTML 3Page - Texas Instruments N24C Datasheet HTML 4Page - Texas Instruments N24C Datasheet HTML 5Page - Texas Instruments N24C Datasheet HTML 6Page - Texas Instruments N24C Datasheet HTML 7Page - Texas Instruments N24C Datasheet HTML 8Page - Texas Instruments N24C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage (VIN)
b
05V to VCC a05V
DC Output Voltage (VOUT)
b
05V to VCC a 05V
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation (PD)
500 mW
Lead Temperature (Soldering 10 sec)
260 C
Operation Conditions
Min
Max
Unit
Supply Voltage (VCC) (Note 3)
45
55
V
Supply Voltage (VBB) (Note 3)
22
VCCb04
V
DC Input or Output Voltage
00
VCC
V
(VIN VOUT)
Operation Temperature (TA)
b
40
a
85
C
Electr-Static Discharge Rating
1
kV
Transistor Count
10300
Typical Values
iJA DIP
Board
59 CW
Socket
65 CW
iJA PLCC Board
80 CW
Socket
88 CW
DC Electrical Characteristics
VCC e 5V g10% VBB e 3V VPFAIL l VIH CL e 100 pF (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Max
Units
VIH
High Level Input Voltage
Any Inputs Except OSC IN
20
V
(Note 4)
OSC IN with External Clock
VBB b01
V
VIL
Low Level Input Voltage
All Inputs Except OSC IN
08
V
OSC IN with External Clock
01
V
VOH
High Level Output Voltage
IOUT eb20 mAVCC b01
V
(Excluding OSC OUT)
IOUT eb40 mA
35
V
VOL
Low Level Output Voltage
IOUT e 20 mA
01
V
(Excluding OSC OUT)
IOUT e 40 mA
025
V
IIN
Input Current (Except OSC IN)
VIN e VCC or GND
g
10
m
A
IOZ
Output TRI-STATE Current
VOUT e VCC or GND
g
50
m
A
ILKG
Output High Leakage Current
VOUT e VCC or GND
g
50
m
A
T1 MFO INTR Pins
Outputs Open Drain
ICC
Quiescent Supply Current
FOSC e 32768 kHz
(Note 6)
VIN e VCC or GND (Note 5)
250
m
A
VIN e VCC or GND (Note 6)
10
mA
VIN e VIH or VIL (Note 6)
120
mA
ICC
Quiescent Supply Current
VBB e GND
(Single Supply Mode)
VIN e VCC or GND
40
m
A
(Note 7)
FOSC e 32768 kHz
IBB
Standby Mode Battery
VCC e GND
10
m
A
Supply Current
OSC OUT e open circuit
(Note 7)
other pins e GND
FOSC e 32768 kHz
IBLK
Battery Leakage
22V s VBB s 40V
other pins at GND
VCC e GND
15
m
A
VCC e 55V
b
5
m
A
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
In battery backed mode VBB s VCC b 04V
Single Supply Mode Data retention voltage is 22V min
In single Supply Mode (Power connected to VCC pin) 45V s VCC s 55V
Note 4
This parameter (VIH) is not tested on all pins at the same time
Note 5
This specification tests ICC with all power fail circuitry disabled by setting D7 of Interrupt Control Register 1 to 0
Note 6
This specification tests ICC with all power fail circuitry enabled by setting D7 of Interrupt Control Register 1 to 1
Note 7
OSC IN is driven by a signal generator Contents of the Test Register e 00(H) and the MFO pin is not configured as buffered oscillator out
2


Similar Part No. - N24C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
N24C FAIRCHILD-N24C Datasheet
50Kb / 5P
   Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
logo
Texas Instruments
N24C TI1-N24C Datasheet
265Kb / 14P
[Old version datasheet]   DP83910A CMOS SNI Serial Network Interface
logo
ON Semiconductor
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
N24C02 ONSEMI-N24C02 Datasheet
207Kb / 12P
   EEPROM Serial 2/4/8/16-Kb I2C
May, 2018 ??Rev. 2
N24C02UDTG ONSEMI-N24C02UDTG Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results

Similar Description - N24C

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com