Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8392C Datasheet(PDF) 4 Page - Texas Instruments

Part # DP8392C
Description  Coaxial Transceiver Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8392C Datasheet(HTML) 4 Page - Texas Instruments

  DP8392C_11 Datasheet HTML 1Page - Texas Instruments DP8392C_11 Datasheet HTML 2Page - Texas Instruments DP8392C_11 Datasheet HTML 3Page - Texas Instruments DP8392C_11 Datasheet HTML 4Page - Texas Instruments DP8392C_11 Datasheet HTML 5Page - Texas Instruments DP8392C_11 Datasheet HTML 6Page - Texas Instruments DP8392C_11 Datasheet HTML 7Page - Texas Instruments DP8392C_11 Datasheet HTML 8Page - Texas Instruments DP8392C_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
30 Functional Description (Continued)
33 COLLISION FUNCTIONS
The collision circuitry consists of two buffers two 4-pole
Bessel low pass filters (section 31) a comparator a heart-
beat generator a 10 MHz oscillator and a differential line
driver
Two identical buffers and 4-pole Bessel low pass filters ex-
tract the DC level on the center conductor (data) and the
shield (sense) of the coax These levels are monitored by
the comparator If the data level is more negative than the
sense level by at least the collision threshold (Vth) the colli-
sion output is enabled
At the end of every transmission the heartbeat generator
creates a pseudo collision for a short time to ensure that the
collision circuitry is properly functioning This burst on colli-
sion output occurs typically 11 ms after the transmission
and has a duration of about 1 ms This function can be dis-
abled externally with the HBE (Heartbeat Enable) pin to al-
low operation with repeaters
The 10 MHz oscillator generates the signal for the collision
and heartbeat functions It is also used as the timebase for
all the jabber functions It does not require any external
components
The collision differential line driver transfers the 10 MHz sig-
nal to the CDg pair in the event of collision jabber or
heartbeat conditions This line driver also features zero dif-
ferential idle state
34 JABBER FUNCTIONS
The Jabber Timer monitors the Transmitter and inhibits
transmission if the Transmitter is active for longer than
20 ms (fault) It also enables the collision output for the fault
duration After the fault is removed The Jabber Timer waits
for about 500 ms (unjab time) before re-enabling the Trans-
mitter The transmit input must stay inactive during the unjab
time
TLF11085 – 3
FIGURE 2 Receiver Timing
TLF11085 – 4
FIGURE 3 Transmitter Timing
3


Similar Part No. - DP8392C_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392CN NSC-DP8392CN Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
DP8392CN-1 NSC-DP8392CN-1 Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
DP8392CV NSC-DP8392CV Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
DP8392CV-1 NSC-DP8392CV-1 Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
More results

Similar Description - DP8392C_11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD392 ETC-MTD392 Datasheet
281Kb / 10P
   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
NXP Semiconductors
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
Hirose Electric
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
   Interface Coaxial Switches
logo
M/A-COM Technology Solu...
M21215 MA-COM-M21215 Datasheet
433Kb / 24P
   SMPTE Coaxial Cable Interface
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
logo
RF Monolithics, Inc
IM1800 RFM-IM1800 Datasheet
270Kb / 5P
   Transceiver Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com