Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV3201-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV3201-Q1
Description  DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV3201-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV3201-Q1 Datasheet HTML 2Page - Texas Instruments DRV3201-Q1 Datasheet HTML 3Page - Texas Instruments DRV3201-Q1 Datasheet HTML 4Page - Texas Instruments DRV3201-Q1 Datasheet HTML 5Page - Texas Instruments DRV3201-Q1 Datasheet HTML 6Page - Texas Instruments DRV3201-Q1 Datasheet HTML 7Page - Texas Instruments DRV3201-Q1 Datasheet HTML 8Page - Texas Instruments DRV3201-Q1 Datasheet HTML 9Page - Texas Instruments DRV3201-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
DRV3201-Q1
SLVSBD6D – MAY 2012 – REVISED AUGUST 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
VCC3 regulator, for internal use only. Recommended external decoupling capacitance: 4.7 nF.
42
VCC3
LVO_A
External load < 100 µA
AMUX
Analog TEST output MUX, connected to GND during normal application.
43
LVO_A
(GND)
44
ADREF
LVI_A
ADC reference of MCU, used as maximum voltage clamp for O1-O4.
45
GNDL
GND
Logic ground
46
O4
LVO_A
Output second stage current sense amplifier 2
47
O3
LVO_A
Output second stage current sense amplifier 1
48
O2
LVO_AO
Output first stage current sense amplifier 2
49
IN2
HVI_A
Current sense input N 2
50
IP2
HVI_A
Current sense input P 2
51
GNDA
GND
Ground analog
52
RO
LVO_A
Current sense reference output for the shift voltage.
53
RI
HVI_A
Current sense reference input for the shift voltage.
54
IP1
HVI_A
Current sense input P 1
55
O1
LVO_A
Output first stage current sense amplifier 1
56
IN1
HVI_A
Current sense input N 1
57
GNDA
GND
Ground analog
58
VDDIO
Supply
IO supply voltage, defines the interface voltage of digital I/O, for example, SPI.
59
IHS3
HVI_D
Input HS 3, digit input to drive the HS3
60
ILS3
HVI_D
Input LS 3, digit input to drive the LS3
61
IHS2
HVI_D
Input HS 2, digit input to drive the HS2
62
ILS2
HVI_D
Input LS 2, digit input to drive the LS2
63
IHS1
HVI_D
Input HS 1, digit input to drive the HS1
64
ILS1
HVI_D
Input LS 1, digit input to drive the LS1
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DRV3201-Q1


Similar Part No. - DRV3201-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
412Kb / 44P
[Old version datasheet]   3 Phase Motor Driver-IC for Automotive Safety Applications
More results

Similar Description - DRV3201-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
412Kb / 44P
[Old version datasheet]   3 Phase Motor Driver-IC for Automotive Safety Applications
DRV8802-Q1 TI-DRV8802-Q1_15 Datasheet
978Kb / 26P
[Old version datasheet]   DRV8802-Q1 Automotive DC Motor-Driver IC
logo
STMicroelectronics
L99ASC03G STMICROELECTRONICS-L99ASC03G Datasheet
926Kb / 70P
   Brushless / sensorless 3-phase motor pre-driver for automotive applications
July 2016 Rev 2
logo
Texas Instruments
DRV3211-Q1 TI1-DRV3211-Q1 Datasheet
580Kb / 38P
[Old version datasheet]   DRV3211-Q1 3-Phase Brushless Motor Driver
DRV3202-Q1 TI1-DRV3202-Q1 Datasheet
591Kb / 41P
[Old version datasheet]   DRV3202-Q1 3-Phase Brushless Motor Driver
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Toshiba Semiconductor
TA8424F TOSHIBA-TA8424F Datasheet
372Kb / 11P
   3 PHASE HALL MOTOR DRIVER IC
logo
Rohm
BD63030EKV-C ROHM-BD63030EKV-C Datasheet
4Mb / 47P
   3-Phase Brushless Motor Pre-driver for Automotive
logo
Infineon Technologies A...
TLE7183QU INFINEON-TLE7183QU Datasheet
937Kb / 28P
   3 Phase Driver IC Automotive Power
Rev. 1.1, Jan. 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com