Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV2624YFFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV2624YFFR
Description  DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV2624YFFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV2624YFFR Datasheet HTML 7Page - Texas Instruments DRV2624YFFR Datasheet HTML 8Page - Texas Instruments DRV2624YFFR Datasheet HTML 9Page - Texas Instruments DRV2624YFFR Datasheet HTML 10Page - Texas Instruments DRV2624YFFR Datasheet HTML 11Page - Texas Instruments DRV2624YFFR Datasheet HTML 12Page - Texas Instruments DRV2624YFFR Datasheet HTML 13Page - Texas Instruments DRV2624YFFR Datasheet HTML 14Page - Texas Instruments DRV2624YFFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
Input and output
Accleration
Ideal Open-Loop Waveform for Motor A
Output with feedback
Ideal Open-Loop Waveform for Motor B
(LRA_OL)
±
1
¦
OL_LRA_PERIOD[6:0] × 97.56 × 10
1 0
(LRA_NO-BEMF)
(DRIVE_TIME[4:0])
(ZC _ DET _ TIME[ : ])
1
¦
W
± W
|
u
11
DRV2624
www.ti.com
SLOS893A – DECEMBER 2015 – REVISED DECEMBER 2015
Product Folder Links: DRV2624
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Feature Description (continued)
8.3.2.1 Auto-Resonance Engine for LRA
The DRV2624 auto-resonance engine tracks the resonant frequency of an LRA in real time, effectively locking
onto the resonance frequency after half of a cycle. If the resonant frequency shifts in the middle of a waveform
for any reason, the engine tracks the frequency from cycle to cycle. The auto-resonance engine accomplishes
tracking by constantly monitoring the back-EMF of the actuator. Note that the auto-resonance engine is not
affected by the auto calibration process, which is only used for level calibration. No calibration is required for the
auto resonance engine.
8.3.2.2 Real-Time Resonance-Frequency Reporting for LRA
The smart-loop architecture makes the resonant frequency of the LRA available through I2C. Because frequency
reporting occurs in real time, it must be polled while the DRV2624 device synchronizes with the LRA. The polled
data should not be polled when the actuator is idle or braking.
8.3.2.3 Automatic Switch to Open-Loop for LRA
In the event that an LRA produces a non-valid back-EMF signal, the DRV2624 device automatically switches to
open-loop operation and continues to deliver energy to the actuator in overdrive mode at a default and
configurable frequency. If the LRA begins to produce a valid back-EMF signal, the auto-resonance engine
automatically takes control and continues to track the resonant frequency in real time. When synchronized, this
mode uses all of the benefits of the smart-loop architecture.
(1)
The DRV2624 device offers an automatic transition to open-loop mode without the re-synchronization option.
This feature is enabled by setting the LRA_AUTO_OPEN_LOOP bit. The transition to open-loop mode only
occurs when the driver fails to synchronize with the LRA. The AUTO_OL_CNT[1:0] parameter can be adjusted to
set the amount of non-synchronized cycles allowed before the transition to the open-loop mode. Note that the
open-loop mode does not receive benefits from the smart-loop architecture, such as automatic overdrive and
braking.
(2)
8.3.2.4 Automatic Overdrive and Braking
A key feature of the DRV2624 is the smart-loop architecture which employs actuator feedback control for both
ERMs and LRAs. The feedback control desensitizes the input waveform from the motor-response behavior by
providing automatic overdrive and automatic braking.
An open-loop haptic system typically drives an overdrive voltage at startup that is higher than the steady-state
rated voltage of the actuator to decrease the startup latency of the actuator. Likewise, a braking algorithm must
be employed for effective braking. When using an open-loop driver, these behaviors must be contained in the
input waveform data. Consider the example of an ERM actuator of Motor A and another of Motor B. The ideal
input waveform in open loop is different (see Figure 16). In contrast, by using the smart-loop technology with
automatic overdrive and braking, the same input waveform will work optimally for both actuators (see Figure 17).
The smart-loop architecture works equally well for LRAs with a combination of feedback control and an auto-
resonance engine.
Figure 16. Typical Open Loop Waveform


Similar Part No. - DRV2624YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2625YFFR TI1-DRV2625YFFR Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2625YFFT TI1-DRV2625YFFT Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
More results

Similar Description - DRV2624YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7282 RENESAS-DA7282 Datasheet
1Mb / 88P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
logo
Texas Instruments
DRV2604L TI1-DRV2604L Datasheet
2Mb / 73P
[Old version datasheet]   DRV2604L 2- to 5.2-V Haptic Driver for LRA and ERM with Internal Memory and Smart-Loop Architecture
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2605 TI-DRV2605 Datasheet
672Kb / 6P
[Old version datasheet]   Haptic Driver for ERM and LRA with Built-In Library and Smart Loop Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com