Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV2624 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV2624
Description  DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV2624 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV2624 Datasheet HTML 6Page - Texas Instruments DRV2624 Datasheet HTML 7Page - Texas Instruments DRV2624 Datasheet HTML 8Page - Texas Instruments DRV2624 Datasheet HTML 9Page - Texas Instruments DRV2624 Datasheet HTML 10Page - Texas Instruments DRV2624 Datasheet HTML 11Page - Texas Instruments DRV2624 Datasheet HTML 12Page - Texas Instruments DRV2624 Datasheet HTML 13Page - Texas Instruments DRV2624 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
I
2C
I/F
REG
Back-EMF
Detection
Control and Playback Engine
M
LRA
or
ERM
OUT±
GND
REG
TRIG/INTZ
SDA
SCL
NRST
Supply
Correction
Automatic
Over-Drive
and Braking
Gate
Drive
VDD
Automatic Resonance Tracking
and Reporting
Waveform Shape
Select (LRA)
Gate
Drive
VDD
OUT+
VDD
RAM
1 kB
2.7 V ± 5.5 V
1.8 V
Loopable
Waveform
Sequencer
Dynamic and
Programmable
Output Clamp
Impedance
Based Actuator
Diagnostics
Short Circuit
Protection
Off-
Resonance
Driving (LRA)
Thermal
Protection
Battery
Monitor
Reg
Map
10
DRV2624
SLOS893A – DECEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: DRV2624
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The DRV2624 device is a haptic driver that relies on a proprietary closed-loop architecture to deliver sharp,
strong, and consistent haptic effects while optimizing power consumption. The internal memory and loopable
waveform sequencer, the automatic overdrive, and the braking simplifies the process of generating crisp and
optimum haptic effects, reducing the burden imposed into the processing unit. The DRV2624 device has an
automatic go-to-standby state and a battery preservation function to help reduce power consumption without
user intervention. The NRST pin allows for a full shutdown state for additional power savings. The waveform
shape selection allows for sine-wave and square-wave drive to customize the haptic feel as well as the
audible performance. Off-resonance driving with automatic braking simplifies the implementation of non-
resonant haptic solutions.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Support for ERM and LRA Actuators
The DRV2624 device supports both ERM and LRA actuators. The LRA_ERM bit must be configured to select the
type of actuator that the device uses.
8.3.2 Smart-Loop Architecture
The smart-loop architecture is an advanced closed-loop system that optimizes the performance of the actuator
and allows for failure detection. The architecture consists of automatic resonance tracking and reporting (for an
LRA), automatic level calibration, accelerated startup and braking, resistance based diagnostics routines, and
other proprietary algorithms.


Similar Part No. - DRV2624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2625YFFR TI1-DRV2625YFFR Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2625YFFT TI1-DRV2625YFFT Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
More results

Similar Description - DRV2624

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7282 RENESAS-DA7282 Datasheet
1Mb / 88P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
logo
Texas Instruments
DRV2604L TI1-DRV2604L Datasheet
2Mb / 73P
[Old version datasheet]   DRV2604L 2- to 5.2-V Haptic Driver for LRA and ERM with Internal Memory and Smart-Loop Architecture
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2605 TI-DRV2605 Datasheet
672Kb / 6P
[Old version datasheet]   Haptic Driver for ERM and LRA with Built-In Library and Smart Loop Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com