Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD25484F4T Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD25484F4T
Description  20 V P-Channel FemtoFET MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25484F4T Datasheet(HTML) 5 Page - Texas Instruments

  CSD25484F4T Datasheet HTML 1Page - Texas Instruments CSD25484F4T Datasheet HTML 2Page - Texas Instruments CSD25484F4T Datasheet HTML 3Page - Texas Instruments CSD25484F4T Datasheet HTML 4Page - Texas Instruments CSD25484F4T Datasheet HTML 5Page - Texas Instruments CSD25484F4T Datasheet HTML 6Page - Texas Instruments CSD25484F4T Datasheet HTML 7Page - Texas Instruments CSD25484F4T Datasheet HTML 8Page - Texas Instruments CSD25484F4T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TC - Case Temperature (GC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
D008
VGS = -2.5 V
VGS = -8.0 V
-VSD - Source-To-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
D009
TC = 25GC
TC = 125GC
TC - Case Temperature (GC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.55
0.65
0.75
0.85
0.95
1.05
1.15
1.25
D006
-VGS - Gate-To-Source Voltage (V)
0
2
4
6
8
10
12
0
25
50
75
100
125
150
175
200
225
250
D007
TC = 25°C, I D = -0.5 A
TC = 125°C, I D = -0.5 A
Qg - Gate Charge (nC)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
1
2
3
4
5
6
7
8
D004
-VDS - Drain-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
1
10
100
1000
5000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
CSD25484F4
www.ti.com
SLPS551 – MAY 2015
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
ID = –0.5 A
VDS = –10 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = –250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
ID = –0.5 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD25484F4


Similar Part No. - CSD25484F4T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25484F4 TI-CSD25484F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD25484F4 ??0 V P-Channel FemtoFET MOSFET
More results

Similar Description - CSD25484F4T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
[Old version datasheet]   20-V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
[Old version datasheet]   CSD25483F4, 20 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
[Old version datasheet]   CSD25481F4, 20 V P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
[Old version datasheet]   ??0-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com