Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV2605LYZFR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV2605LYZFR
Description  DRV2605L 2 to 5.2 V Haptic Driver for LRA and ERM With Effect Library and Smart-Loop Architecture
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV2605LYZFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV2605LYZFR Datasheet HTML 5Page - Texas Instruments DRV2605LYZFR Datasheet HTML 6Page - Texas Instruments DRV2605LYZFR Datasheet HTML 7Page - Texas Instruments DRV2605LYZFR Datasheet HTML 8Page - Texas Instruments DRV2605LYZFR Datasheet HTML 9Page - Texas Instruments DRV2605LYZFR Datasheet HTML 10Page - Texas Instruments DRV2605LYZFR Datasheet HTML 11Page - Texas Instruments DRV2605LYZFR Datasheet HTML 12Page - Texas Instruments DRV2605LYZFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
OUT+
OUT±
100 k
100 k
Ch1 ± Ch2
(Differential)
Oscilloscope
Ch1
Ch2
M
LRA
or
ERM
470 pF
470 pF
DRV2605L
www.ti.com
SLOS854C – MAY 2014 – REVISED SEPTEMBER 2014
7 Parameter Measurement Information
7.1 Test Setup for Graphs
To capture the graphs displayed in the Typical Characteristics section, the following first-order RC-filter setup
was used with the exception of the waveform in Figure 9 which was captured without any output filter. This filter
is recommended when viewing output signals on an oscilloscope because output PWM modulation is present in
all modes. Ensure that effective impedance of the filter is not too low because the closed-loop and auto
resonance-tracking features may be affected. Therefore, TI recommends that this exact filter be used for output
measurement. Most oscilloscopes have an input impedance of 1 M
Ω on each channel and therefore have an
approximately 1% loss in measured amplitude because of the voltage-divider effect with the filter.
Figure 11. Test Setup
7.1.1 Default Test Conditions
VDD = 3.6 V, unless otherwise noted.
Real actuators (as opposed to modeled actuators) were used as loads for both ERM and LRA modes with
exception of the Supply Voltage vs Supply Current (Full Vibration) waveform in Figure 10, which used passive
RL (resistance in series with an inductance) loads for test repeatability. Real actuators vary widely in supply
currents because of variation in back-EMF voltages. Because real actuators have back EMF, the real supply
current is generally less than what is shown in the waveform because of the reduction in the apparent load
impedance. Therefore, the curve shows the worst-case current.
All ERM library waveforms were taken with Library A in open-loop mode
All LRA library waveforms were taken with the LRA Library in closed-loop mode
All traces are 2 V/div except for the accelerometer traces
All accelerometer traces are 0.87 g/div except for the LRA Click with and without Braking (PWM) curve in
Figure 8, which is 1.74 g/div.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV2605L


Similar Part No. - DRV2605LYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
DRV2605LTDGSRQ1 TI1-DRV2605LTDGSRQ1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
More results

Similar Description - DRV2605LYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2605 TI-DRV2605 Datasheet
672Kb / 6P
[Old version datasheet]   Haptic Driver for ERM and LRA with Built-In Library and Smart Loop Architecture
DRV2604L TI1-DRV2604L Datasheet
2Mb / 73P
[Old version datasheet]   DRV2604L 2- to 5.2-V Haptic Driver for LRA and ERM with Internal Memory and Smart-Loop Architecture
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
DRV2625 TI1-DRV2625 Datasheet
4Mb / 77P
[Old version datasheet]   DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
logo
TEXAS ADVANCED OPTOELEC...
DRV2605EVM-BT TAOS-DRV2605EVM-BT Datasheet
4Mb / 34P
   evaluation kit for the DRV2605 ERM and LRA Haptic Driver.
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com