Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD19538Q3AT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19538Q3AT
Description  100 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19538Q3AT Datasheet(HTML) 4 Page - Texas Instruments

  CSD19538Q3AT Datasheet HTML 1Page - Texas Instruments CSD19538Q3AT Datasheet HTML 2Page - Texas Instruments CSD19538Q3AT Datasheet HTML 3Page - Texas Instruments CSD19538Q3AT Datasheet HTML 4Page - Texas Instruments CSD19538Q3AT Datasheet HTML 5Page - Texas Instruments CSD19538Q3AT Datasheet HTML 6Page - Texas Instruments CSD19538Q3AT Datasheet HTML 7Page - Texas Instruments CSD19538Q3AT Datasheet HTML 8Page - Texas Instruments CSD19538Q3AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GATE
Source
DRAIN
M0161-01
GATE
Source
DRAIN
M0161-02
4
CSD19538Q3A
SLPS583 – MAY 2016
www.ti.com
Product Folder Links: CSD19538Q3A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Max RθJA = 55°C/W
when mounted on 1 in2
(6.45 cm2) of 2-oz
(0.071-mm) thick Cu.
Max RθJA = 195°C/W
when mounted on a
minimum pad area of
2-oz (0.071-mm) thick
Cu.
5.3 Typical MOSFET Characteristics
TA = 25°C (unless otherwise stated)
Figure 1. Transient Thermal Impedance


Similar Part No. - CSD19538Q3AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19538Q2 TI1-CSD19538Q2 Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19538Q2T TI1-CSD19538Q2T Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD19538Q3AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
[Old version datasheet]   CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
CSD19536KTT TI-CSD19536KTT_15 Datasheet
852Kb / 14P
[Old version datasheet]   CSD19536KTT 100 V N-Channel NexFET Power MOSFET
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
[Old version datasheet]   CSD19537Q3 100 V N-Channel NexFET Power MOSFET
CSD19534KCS TI-CSD19534KCS_15 Datasheet
300Kb / 12P
[Old version datasheet]   CSD19534KCS 100 V N-Channel NexFET Power MOSFET
CSD19535KCS TI1-CSD19535KCS Datasheet
804Kb / 10P
[Old version datasheet]   CSD19535KCS, 100 V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com