Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV2510-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV2510-Q1
Description  DRV2510-Q1 3-A Automotive Haptic Driver for Solenoids and Voice Coils with Integrated Diagnostics
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV2510-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  DRV2510-Q1 Datasheet HTML 1Page - Texas Instruments DRV2510-Q1 Datasheet HTML 2Page - Texas Instruments DRV2510-Q1 Datasheet HTML 3Page - Texas Instruments DRV2510-Q1 Datasheet HTML 4Page - Texas Instruments DRV2510-Q1 Datasheet HTML 5Page - Texas Instruments DRV2510-Q1 Datasheet HTML 6Page - Texas Instruments DRV2510-Q1 Datasheet HTML 7Page - Texas Instruments DRV2510-Q1 Datasheet HTML 8Page - Texas Instruments DRV2510-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Sole noid/
Voice-Coil
OUT±
GND
STDBY
OUT+
VDD
REG
INTZ
IN+
IN-
EN
SCL
SDA
BSTP
BSTN
M
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV2510-Q1
SLOS919A – JUNE 2016 – REVISED JUNE 2016
DRV2510-Q1 3-A Automotive Haptic Driver for Solenoids and Voice Coils with Integrated
Diagnostics
1
1 Features
1
Wide Operating Voltage (5 V - 18 V)
Integrated Load-Dump Protection (40 V)
High Current Drive (3 A Peak)
Low RDS(on), Full H-Bridge Output
Integrated Diagnostics
Integrated Fault Protection
40-V Load Dump Protection per ISO-7637-2
Short-Circuit Protection
Over-temperature Protection
Over-Voltage and Under-Voltage Protection
Fault Reporting
Analog Input
I2C Communication
Dedicated Interrupt Pin
Automotive Qualified (Q100)
–40ºC to 125ºC Ambient Temperature Range
2 Applications
Electromagnetic Actuator Driver
Voice Coil
Solenoid
Mechanical Button Replacement
Automotive Haptic Applications
Infotainment
Center-Console
Steering Wheel
Door-Panel
Seats
3 Description
The DRV2510-Q1 device is a high current haptic
driver specifically designed for inductive loads, such
as solenoids and voice coils.
The output stage consists of a full H-bridge capable
of delivering 3 A of peak current.
The
DRV2510-Q1
device
provides
protection
functions such as undervoltage lockout, over-current
protection and over-temperature protection.
The DRV2510-Q1 device is automotive qualified. The
integrated load-dump protection reduces external
voltage clamp cost and size, and the onboard load
diagnostics report the status of the actuator through
the digital interface.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV2510-Q1
HTSSOP (16)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DRV2510-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
DRV2511QDAPRQ1 TI1-DRV2511QDAPRQ1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
More results

Similar Description - DRV2510-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
DRV8243-Q1 TI-DRV8243-Q1_V01 Datasheet
3Mb / 75P
[Old version datasheet]   DRV8243-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8245-Q1 TI-DRV8245-Q1_V02 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8145-Q1 TI-DRV8145-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V02 Datasheet
2Mb / 65P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8245-Q1 TI-DRV8245-Q1 Datasheet
3Mb / 76P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSFJ1 ??AUGUST 2021
DRV8143-Q1 TI-DRV8143-Q1_V01 Datasheet
3Mb / 71P
[Old version datasheet]   DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8242-Q1 TI1-DRV8242-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8242-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
NOVEMBER 2023
DRV8245-Q1 TI-DRV8245-Q1_V04 Datasheet
3Mb / 80P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8143-Q1 TI1-DRV8143-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com