Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125DF111SQE Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS125DF111SQE
Description  Multi-Protocol 2-Channel 9.8 - 12.5 Gb/s Retimer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125DF111SQE Datasheet(HTML) 4 Page - Texas Instruments

  DS125DF111SQE Datasheet HTML 1Page - Texas Instruments DS125DF111SQE Datasheet HTML 2Page - Texas Instruments DS125DF111SQE Datasheet HTML 3Page - Texas Instruments DS125DF111SQE Datasheet HTML 4Page - Texas Instruments DS125DF111SQE Datasheet HTML 5Page - Texas Instruments DS125DF111SQE Datasheet HTML 6Page - Texas Instruments DS125DF111SQE Datasheet HTML 7Page - Texas Instruments DS125DF111SQE Datasheet HTML 8Page - Texas Instruments DS125DF111SQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
DS125DF111
SNLS450A – JANUARY 2014 – REVISED JUNE 2015
www.ti.com
Pin Functions (continued)
PIN
I/O TYPE
DESCRIPTION
NAME
NO.
INDICATOR PINS
LOCK
16
O, LVCMOS
LOCK VOH is referenced to VIN voltage level. Note that this pin is shared
with strap input functions read at startup. The Address value loaded into
pin 16 (ADDR0) at startup changes the definition of the LOCK pin output.
See the Shared Register Definition in Table 7 for more details.
LOS/INT#
13
O, Open Drain
Output is driven LOW when a valid signal is present on INA. Output is
released when signal on INA is lost (LOS). This output can be redefined
as an INT# signal which will be driven LOW for any of the following
conditions.(1)
1. The EOM check returns a value below the HEO/VEO interrupt
threshold.
2. CDR check returns lock/loss status.
3. Signal Detector returns detect/loss status.
SMBus MODE PINS
ENSMB
3
I, 4-Level
System Management Bus (SMBus) enable pin
HIGH = Register Access, SMBus Slave mode
FLOAT = SMBus Master read from External EEPROM
20 K to GND = Reserved
LOW = External Pin Control Mode. See section on Pin Mode Limitation
SDA
4
I, SMBus
Data Input / Open Drain Output
O, Open Drain
External pull-up resistor is required. Pin is 3.3 V LVCMOS tolerant(1)
SCL
5
I, SMBus
Clock input in SMBus slave mode. Can also be an open drain output in
O, Open Drain
SMBus master mode
Pin is 3.3 V LVCMOS Tolerant (1)
TX_DIS
6
I, 4-Level
Disable the OUTB transmitter
HIGH = OUTA Enabled/OUTB Disabled
FLOAT = Reserved
20 K to GND = Reserved
LOW = OUTA/OUTB Enabled (normal operation)
ADDR0
16
I, LVCMOS
This pin sets the SMBus address for the retimer.
This pin is a strap input. The state is read on power-up to set the SMBus
address in SMBus control mode. The latched value of ADDR0 read at
startup will change the LOCK output definition. See the Shared Register
Definition in Table 7 for more details.(2)
ADDR1/DONE#
10
IO, LVCMOS
This pin sets the SMBus address for the retimer in SMBus Slave Mode.
DONE#. VOH is referenced to VIN voltage level. DONE# goes low to
indicate that the SMBus master EEPROM read has been completed in
SMBus Master Mode(2)
READEN#
9
I, LVCMOS
Initiates SMBus master EEPROM read. When multiple DS125DF111 are
connected to a single EEPROM, the READEN# input can be daisy
chained to the DONE# output. In SMBus Slave Mode this pin should be
tied to Logic 0. (3)
PIN CONTROL (ENSMB = LOW) (4)
DEMA
4
I, 4-Level
Set CHA output de-emphasis level in pin control mode (3)
DEMB
5
I, 4-Level
Set CHB output de-emphasis level in pin control mode (3)
LPBK
6
I, 4-Level
HIGH = INA goes to OUTA, INB goes to OUTB
FLOAT = INB goes to OUTA and OUTB
20 K to GND = INA goes to OUTA and OUTB
LOW = INA goes to OUTB, INB goes to OUTA (3)
VODA
9
I, 4-Level
Set CHA output launch amplitude in pin control mode (3).
VODB
10
I, 4-Level
Set CHB output launch amplitude in pin control mode(3)
(1)
The LOS/INT# pin is an open drain output which requires external pull-up resistor (typically connected to 2.5 V or 3.3 V for system logic
compatibility) to achieve a HIGH level.
(2)
This pin is shared with other functions.
(3)
This pin is shared with other functions.
(4)
When in pin control mode, the DS125DF111 device operates at 12.288, 9.8304, 6.144, 4.9152, 3.072, 2.4576, 1.536, or 1.2288 Gbps
and has limited VOD and De-Emphasis control. See Table 9.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DS125DF111


Similar Part No. - DS125DF111SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
DS125DF1610FB/NOPB TI1-DS125DF1610FB/NOPB Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
DS125DF1610FBE/NOPB TI1-DS125DF1610FBE/NOPB Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
More results

Similar Description - DS125DF111SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
logo
Keysight Technologies
N4965A KEYSIGHT-N4965A Datasheet
2Mb / 12P
   Multi-Channel BERT 12.5 Gb/s
N4962A KEYSIGHT-N4962A Datasheet
384Kb / 6P
   Serial BERT 12.5 Gb/s
logo
Texas Instruments
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
logo
Vitesse Semiconductor C...
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
   9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
logo
Texas Instruments
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
logo
TriQuint Semiconductor
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
logo
Texas Instruments
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com