Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125DF111SQ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS125DF111SQ
Description  Multi-Protocol 2-Channel 9.8 - 12.5 Gb/s Retimer
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125DF111SQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS125DF111SQ Datasheet HTML 2Page - Texas Instruments DS125DF111SQ Datasheet HTML 3Page - Texas Instruments DS125DF111SQ Datasheet HTML 4Page - Texas Instruments DS125DF111SQ Datasheet HTML 5Page - Texas Instruments DS125DF111SQ Datasheet HTML 6Page - Texas Instruments DS125DF111SQ Datasheet HTML 7Page - Texas Instruments DS125DF111SQ Datasheet HTML 8Page - Texas Instruments DS125DF111SQ Datasheet HTML 9Page - Texas Instruments DS125DF111SQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
DS125DF111
SNLS450A – JANUARY 2014 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply Voltage (VDD)
–0.5
2.75
V
Supply Voltage (VIN)
–0.5
4
V
LVCMOS Input/Output Voltage
–0.5
4
V
4-Level Input Voltage (2.5-V mode)
–0.5
2.75
V
4-Level Input Voltage (3.3-V mode)
–0.5
4
V
SMBus Input/Output Voltage
–0.5
4
V
CML Input Voltage
–0.5
VDD + 0.5
V
CML Input Current
–30
30
mA
Storage temperature, Tstg
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions.
(2)
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. For soldering specifications, see
product folder at SNOA549.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
±3000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
±1500
C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM(1)
MAX
UNIT
2.5 V Mode
2.375
2.5
2.625
Supply Voltage
V
3.3 V Mode
3
3.3
3.6
Ambient Temperature
–40
25
+85
°C
SMBus (SDA, SCL) Pull-up Supply Voltage
2.7
3.3
3.6
V
(1)
Typical values represent the most likely parametric norm as determined at the time of design and characterization. Actual typical values
may vary over time and will also depend on the application and configuration.
6.4 Thermal Information
DS125DF111
THERMAL METRIC(1)
RTW (WQFN)
UNIT
24 PINS
RθJA
Junction-to-ambient thermal resistance
35
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
34
°C/W
RθJB
Junction-to-board thermal resistance
13.4
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
13.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DS125DF111


Similar Part No. - DS125DF111SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
DS125DF1610FB/NOPB TI1-DS125DF1610FB/NOPB Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
DS125DF1610FBE/NOPB TI1-DS125DF1610FBE/NOPB Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
More results

Similar Description - DS125DF111SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
logo
Keysight Technologies
N4965A KEYSIGHT-N4965A Datasheet
2Mb / 12P
   Multi-Channel BERT 12.5 Gb/s
N4962A KEYSIGHT-N4962A Datasheet
384Kb / 6P
   Serial BERT 12.5 Gb/s
logo
Texas Instruments
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
logo
Vitesse Semiconductor C...
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
   9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
logo
Texas Instruments
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
logo
TriQuint Semiconductor
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
logo
Texas Instruments
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com