Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD19531Q5AT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19531Q5AT
Description  100V N-Channel NexFET Power MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19531Q5AT Datasheet(HTML) 3 Page - Texas Instruments

  CSD19531Q5AT Datasheet HTML 1Page - Texas Instruments CSD19531Q5AT Datasheet HTML 2Page - Texas Instruments CSD19531Q5AT Datasheet HTML 3Page - Texas Instruments CSD19531Q5AT Datasheet HTML 4Page - Texas Instruments CSD19531Q5AT Datasheet HTML 5Page - Texas Instruments CSD19531Q5AT Datasheet HTML 6Page - Texas Instruments CSD19531Q5AT Datasheet HTML 7Page - Texas Instruments CSD19531Q5AT Datasheet HTML 8Page - Texas Instruments CSD19531Q5AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CSD19531Q5A
www.ti.com
SLPS406B – SEPTEMBER 2013 – REVISED MAY 2014
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
100
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 80 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
2.2
2.7
3.3
V
VGS = 6 V, ID = 16 A
6.0
7.8
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 16 A
5.3
6.4
m
gfs
Transconductance
VDS = 10 V, ID = 16 A
82
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
2980
3870
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 50 V, ƒ = 1 MHz
560
728
pF
Crss
Reverse Transfer Capacitance
13.0
16.9
pF
RG
Series Gate Resistance
1.3
2.6
Qg
Gate Charge Total (10 V)
37
48
nC
Qgd
Gate Charge Gate to Drain
6.6
nC
VDS = 50 V, ID = 16 A
Qgs
Gate Charge Gate to Source
10.5
nC
Qg(th)
Gate Charge at Vth
7.3
nC
Qoss
Output Charge
VDS = 50 V, VGS = 0 V
97
nC
td(on)
Turn On Delay Time
6.0
ns
tr
Rise Time
5.8
ns
VDS = 50 V, VGS = 10 V,
IDS = 16 A, RG = 0 Ω
td(off)
Turn Off Delay Time
18.4
ns
tf
Fall Time
5.2
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 16 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
226
nC
VDS= 50 V, IF = 16 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
148
ns
5.2 Thermal Characteristics
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
1
°C/W
RθJA
Junction-to-Ambient Thermal Resistance(1)(2)
50
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD19531Q5A


Similar Part No. - CSD19531Q5AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 14P
[Old version datasheet]   CSD19531Q5A 100 V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD19531Q5AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI1-CSD19534Q5A Datasheet
374Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com