Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD19502Q5BT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19502Q5BT
Description  80V N-Channel NexFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19502Q5BT Datasheet(HTML) 1 Page - Texas Instruments

  CSD19502Q5BT Datasheet HTML 1Page - Texas Instruments CSD19502Q5BT Datasheet HTML 2Page - Texas Instruments CSD19502Q5BT Datasheet HTML 3Page - Texas Instruments CSD19502Q5BT Datasheet HTML 4Page - Texas Instruments CSD19502Q5BT Datasheet HTML 5Page - Texas Instruments CSD19502Q5BT Datasheet HTML 6Page - Texas Instruments CSD19502Q5BT Datasheet HTML 7Page - Texas Instruments CSD19502Q5BT Datasheet HTML 8Page - Texas Instruments CSD19502Q5BT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 19A
TC = 125°C,I D = 19A
G001
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
Qg - Gate Charge (nC)
ID = 19A
VDS = 40V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD19502Q5B
SLPS413A – DECEMBER 2013 – REVISED JUNE 2014
CSD19502Q5B 80 V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain-to-Source Voltage
80
V
Avalanche Rated
Qg
Gate Charge Total (10 V)
48
nC
Qgd
Gate Charge Gate to Drain
8.6
nC
Logic Level
VGS = 6 V
3.8
m
Pb-Free Terminal Plating
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V
3.4
m
RoHS Compliant
VGS(th)
Threshold Voltage
2.7
V
Halogen Free
SON 5-mm × 6-mm Plastic Package
.
Ordering Information(1)
2 Applications
Device
Media
Qty
Package
Ship
CSD19502Q5B
13-Inch Reel
2500
Secondary Side Synchronous Rectifier
SON 5 x 6 mm
Tape and
Plastic Package
Reel
CSD19502Q5BT
13-Inch Reel
250
Motor Control
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
This 3.4 m
Ω, 80 V, SON 5 mm × 6 mm NexFET™
Absolute Maximum Ratings
power MOSFET is designed to minimize losses in
TA = 25°C
VALUE
UNIT
power conversion applications.
VDS
Drain-to-Source Voltage
80
V
Top View
VGS
Gate-to-Source Voltage
±20
V
Continuous Drain Current (Package limited)
100
Continuous Drain Current (Silicon limited),
ID
157
A
TC = 25°C
Continuous Drain Current(1)
17
IDM
Pulsed Drain Current(2)
400
A
Power Dissipation(1)
3.1
PD
W
Power Dissipation, TC = 25°C
195
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
274
mJ
ID = 74 A, L = 0.1 mH, RG = 25 Ω
SPACE
(1) Typical RθJA = 40°C/W on a 1-inch
2, 2-oz. Cu pad on a 0.06-
SPACE
inch thick FR4 PCB.
(2) Max RθJC = 0.8°C/W, pulse duration ≤100 µs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD19502Q5BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD19502Q5BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19506KCS TI1-CSD19506KCS Datasheet
476Kb / 10P
[Old version datasheet]   80V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com