Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18541F5T Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18541F5T
Description  60V N-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18541F5T Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD18541F5T Datasheet HTML 2Page - Texas Instruments CSD18541F5T Datasheet HTML 3Page - Texas Instruments CSD18541F5T Datasheet HTML 4Page - Texas Instruments CSD18541F5T Datasheet HTML 5Page - Texas Instruments CSD18541F5T Datasheet HTML 6Page - Texas Instruments CSD18541F5T Datasheet HTML 7Page - Texas Instruments CSD18541F5T Datasheet HTML 8Page - Texas Instruments CSD18541F5T Datasheet HTML 9Page - Texas Instruments CSD18541F5T Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TA - Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
0.5
1
1.5
2
2.5
3
3.5
D012
VDS - Drain-To-Source Voltage (V)
0.1
1
10
100
0.01
0.1
1
10
100
D010
100 ms
10 ms
1 ms
100 µs
10 µs
TAV - Time in Avalanche (ms)
0.001
0.01
0.1
1
10
100
D011
TC = 25q C
TC = 125q C
6
CSD18541F5
SLPS571 – MAY 2016
www.ti.com
Product Folder Links: CSD18541F5
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
Single Pulse, Typ RθJA = 245°C/W
Figure 10. Maximum Safe Operating Area (SOA)
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs Temperature


Similar Part No. - CSD18541F5T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18540Q5B TI1-CSD18540Q5B Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
logo
Inchange Semiconductor ...
CSD18540Q5B ISC-CSD18540Q5B Datasheet
362Kb / 3P
   N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18540Q5BT TI1-CSD18540Q5BT Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18541F5T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13383F4 TI1-CSD13383F4 Datasheet
764Kb / 13P
[Old version datasheet]   N-Channel FemtoFET MOSFET
CSD17382F4 TI1-CSD17382F4 Datasheet
591Kb / 13P
[Old version datasheet]   30V N-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
[Old version datasheet]   30-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com