Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18532Q5B Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18532Q5B
Description  60V N-Channel NexFET Power MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18532Q5B Datasheet(HTML) 3 Page - Texas Instruments

  CSD18532Q5B Datasheet HTML 1Page - Texas Instruments CSD18532Q5B Datasheet HTML 2Page - Texas Instruments CSD18532Q5B Datasheet HTML 3Page - Texas Instruments CSD18532Q5B Datasheet HTML 4Page - Texas Instruments CSD18532Q5B Datasheet HTML 5Page - Texas Instruments CSD18532Q5B Datasheet HTML 6Page - Texas Instruments CSD18532Q5B Datasheet HTML 7Page - Texas Instruments CSD18532Q5B Datasheet HTML 8Page - Texas Instruments CSD18532Q5B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CSD18532Q5B
www.ti.com
SLPS322B – NOVEMBER 2012 – REVISED JULY 2014
5 Specifications
5.1
Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
60
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 48 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
1.5
1.8
2.2
V
VGS = 4.5 V, ID = 25 A
3.3
4.3
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 25 A
2.5
3.2
m
gfs
Transconductance
VDS = 30 V, ID = 25 A
143
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
3900
5070
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 30 V, ƒ = 1 MHz
470
611
pF
Crss
Reverse Transfer Capacitance
13
17
pF
RG
Series Gate Resistance
1.2
2.4
Qg
Gate Charge Total (10 V)
44
58
nC
Qgd
Gate Charge Gate-to-Drain
6.9
nC
VDS = 30 V, ID = 25 A
Qgs
Gate Charge Gate-to-Source
10
nC
Qg(th)
Gate Charge at Vth
6.3
nC
Qoss
Output Charge
VDS = 30 V, VGS = 0 V
52
nC
td(on)
Turn On Delay Time
5.8
ns
tr
Rise Time
7.2
ns
VDS = 30 V, VGS = 10 V,
IDS = 25 A, RG = 0 Ω
td(off)
Turn Off Delay Time
22
ns
tf
Fall Time
3.1
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 25 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
111
nC
VDS= 30 V, IF = 25 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
49
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
0.8
°C/W
RθJA
Junction-to-Ambient Thermal Resistance(1)(2)
50
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inches × 1.5-inches (3.81-
cm × 3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD18532Q5B


Similar Part No. - CSD18532Q5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18532Q5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com