Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8SBR9 Datasheet(PDF) 6 Page - Texas Instruments

Part # COP8SBR9
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8SBR9 Datasheet(HTML) 6 Page - Texas Instruments

Back Button COP8SBR9 Datasheet HTML 2Page - Texas Instruments COP8SBR9 Datasheet HTML 3Page - Texas Instruments COP8SBR9 Datasheet HTML 4Page - Texas Instruments COP8SBR9 Datasheet HTML 5Page - Texas Instruments COP8SBR9 Datasheet HTML 6Page - Texas Instruments COP8SBR9 Datasheet HTML 7Page - Texas Instruments COP8SBR9 Datasheet HTML 8Page - Texas Instruments COP8SBR9 Datasheet HTML 9Page - Texas Instruments COP8SBR9 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
COP8SBR9, COP8SCR9, COP8SDR9
SNOS537I – JUNE 2000 – REVISED MARCH 2013
www.ti.com
Table 2-1. Pinouts for All Packages (continued)
In System
44-Pin
48-Pin
56-Pin
68-Pin
Port
Type
Alt. Fun
Emulation
44-Pin WQFN
PLCC
TSSOP
TSSOP
PLCC
Mode
D0
O
42
37
41
49
58
D1
O
43
38
42
50
59
D2
O
44
39
43
51
60
D3
O
1
40
44
52
61
D4
O
2
41
45
53
62
D5
O
3
42
46
54
63
D6
O
4
43
47
55
64
D7
O
5
44
48
56
65
E0
I/O
47
54
E1
I/O
48
55
E2
I/O
56
E3
I/O
57
E4
I/O
67
E5
I/O
68
E6
I/O
1
E7
I/O
2
C0
I/O
11
18
C1
I/O
12
19
C2
I/O
13
20
C3
I/O
14
21
C4
I/O
23
30
C5
I/O
24
31
C6
I/O
25
32
C7
I/O
26
33
A0
I/O
33
39
46
A1
I/O
34
40
47
A2
I/O
36
31
35
41
48
A3
I/O
37
32
36
42
49
A4
I/O
38
33
37
43
50
A5
I/O
39
34
38
44
51
A6
I/O
40
35
39
45
52
A7
I/O
41
36
40
46
53
B0
I/O
24
19
19
27
34
B1
I/O
25
20
20
28
35
B2
I/O
26
21
21
29
36
B3
I/O
27
22
22
30
37
B4
I/O
28
23
23
31
38
B5
I/O
29
24
24
32
39
B6
I/O
30
25
25
33
40
B7
I/O
31
26
26
34
41
F0
I/O
7
F1
I/O
8
F2
I/O
9
F3
I/O
10
DVCC
VCC
35
30
32
38
17, 45
DGND
GND
32
27
27
35
16, 42
6
Device Information
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8SBR9 COP8SCR9 COP8SDR9


Similar Part No. - COP8SBR9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
National Semiconductor ...
COP8SBR9HLQ8 NSC-COP8SBR9HLQ8 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8SBR9HVA8 NSC-COP8SBR9HVA8 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8SBR9IMT8 NSC-COP8SBR9IMT8 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
More results

Similar Description - COP8SBR9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9_15 Datasheet
2Mb / 111P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 32k Memory
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9_14 Datasheet
2Mb / 112P
[Old version datasheet]   COP8CBR9/COP8CCR9/COP8CDR9 8-Bit CMOS Flash Microcontroller with 32k Memory
logo
Microchip Technology
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X Datasheet
1Mb / 90P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2004
PIC16F5X MICROCHIP-PIC16F5X_07 Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F57-I-P MICROCHIP-PIC16F57-I-P Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
12/08/06
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com