Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5173BRM50 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5173BRM50
Description  256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5173BRM50 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5173BRM50 Datasheet HTML 7Page - Analog Devices AD5173BRM50 Datasheet HTML 8Page - Analog Devices AD5173BRM50 Datasheet HTML 9Page - Analog Devices AD5173BRM50 Datasheet HTML 10Page - Analog Devices AD5173BRM50 Datasheet HTML 11Page - Analog Devices AD5173BRM50 Datasheet HTML 12Page - Analog Devices AD5173BRM50 Datasheet HTML 13Page - Analog Devices AD5173BRM50 Datasheet HTML 14Page - Analog Devices AD5173BRM50 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5172/AD5173
Rev. A | Page 11 of 24
TEST CIRCUITS
Figure 27 to Figure 34 illustrate the test circuits that define the
test conditions used in the product specification tables.
VMS
A
W
B
DUT
V+
V+ = VDD
1LSB = V+/2N
Figure 27. Test Circuit for Potentiometer Divider Nonlinearity Error (INL, DNL)
NO CONNECT
IW
VMS
A
W
B
DUT
Figure 28. Test Circuit for Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
VMS1
IW = VDD /RNOMINAL
VMS2
VW
RW = [VMS1 – VMS2]/IW
A
W
B
DUT
Figure 29. Test Circuit for Wiper Resistance
∆V
MS%
DD%
PSS (%/ %) =
V+ = VDD 10%
PSRR (dB) = 20 LOG
DUT
MS
DD
(
)
VDD
VA
VMS
A
W
B
V+
∆V
∆V
∆V
Figure 30. Test Circuit for Power Supply Sensitivity (PSS, PSSR)
+15V
–15V
W
A
2.5V
B
VOUT
OFFSET
GND
DUT
AD8610
VIN
Figure 31. Test Circuit for Gain vs. Frequency
W
B
DUT
ISW
CODE = 0x00
RSW =
0.1V
ISW
0.1V
GND TO VDD
Figure 32. Test Circuit for Incremental On Resistance
VDD
A
W
B
DUT
GND
ICM
VCM
NC
NC
Figure 33. Test Circuit for Common-Mode Leakage Current
VIN
N/C
W1
B1
B2
W2
RDAC1
A1
RDAC2
VDD
VSS
VOUT
CTA = 20 log[VOUT/VIN]
A2
Figure 34. Test Circuit for Analog Crosstalk


Similar Part No. - AD5173BRM50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5173BRM50 AD-AD5173BRM50 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5173BRM50-RL7 AD-AD5173BRM50-RL7 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
More results

Similar Description - AD5173BRM50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5170 AD-AD5170 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com