Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83891 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83891
Description  Gig PHYTER??10/100/1000M
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83891 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83891 Datasheet HTML 1Page - National Semiconductor (TI) DP83891 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 National Semiconductor Corporation
www.national.com
Subject to change
Last Modified: 1/27/00 REVISION 0.0
Advance Information
January 2000
DP83891 Gig PHYTER
10/100/1000M
General Description
The DP83891 is the first fully integrated, feature rich Physi-
cal Layer transceiver with integrated PMD sublayers to sup-
port 10BASE-T,100BASE-TX and 1000BASE-T Ethernet
protocols.
It operates on existing CAT5 cables which
reduces deployment costs.
The DP83891 is designed for easy implementation of
10/100/1000 Mb/s Ethernet LANs. It interfaces directly to
Twisted Pair media via an external standard Quad trans-
former. The DP83891 connects to the MAC layer through
the IEEE 802.3u Standard Media Independent Interface
(MII) or the IEEE 802.3z Gigabit Media Independent Inter-
face (GMII).
Applications
The DP83891 fits applications in:
s 10/100/1000 Mb/s capable node cards
s Switches with 10/100/1000 Mb/s capable ports
s High speed uplink ports (backbone)
s High end workstations
System Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
ETHERNET
DP83891
ETHERNET PHYSICAL LAYER
STATUS
LED
RJ-45
100BASE-TX
MII/GMII
MAC
100BASE-TX
CLOCK
125 MH
1000BASE-T
or
1000BASE-T
z
s
or
10/100/1000
10/100/1000 Mb/s
10BASE-T,
10BASE-T,
Features
s Fully integrated 10BASE-T,100BASE-TX and
1000BASE-T capable
s Single Quad TX-Transformer interface for all speeds
s Fully compliant to IEEE 802.3u 100BASE-TX and IEEE
802.3z/ab 1000BASE-T specifications. Fully integrated
and fully compliant ANSI X3.T12 PMD physical sublayer
that includes adaptive equalization and Baseline Wan-
der compensation.
s Supports Auto-MDIX
s IEEE 802.3u Auto-Negotiation and Parallel Detection
– Fully auto-negotiates between 10, 100 and 1000 Mb/s
full duplex and half duplex devices
s 3.3 V MAC interfaces:
– IEEE 802.3u MII
– IEEE 802.3z GMII
s LED support (Link, Speed, Activity, Duplex, Collision,
Auto-Negotiation, TX and RX indications)
s Management Register Set (MDIO and MDC)
s Single 3.3 V power supply
– 5 V tolerant I/Os
s 208-pin PQFP package


Similar Part No. - DP83891

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
Texas Instruments
DP83815 TI1-DP83815 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
National Semiconductor ...
DP83815DUJB NSC-DP83815DUJB Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
Texas Instruments
DP83815DUJB TI1-DP83815DUJB Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
DP83815DUJB/NOPB TI1-DP83815DUJB/NOPB Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
More results

Similar Description - DP83891

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83861VQM NSC-DP83861VQM Datasheet
741Kb / 88P
   Gig PHYTER 10/100/1000 Ethernet Physical Layer
DP83865BVH NSC-DP83865BVH Datasheet
31Kb / 2P
   Gig PHYTER V 10/100/1000 Ethernet Physical Layer
DP83865 NSC-DP83865 Datasheet
591Kb / 86P
   DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
logo
Texas Instruments
DP83865DVH-NOPB TI1-DP83865DVH-NOPB Datasheet
628Kb / 88P
[Old version datasheet]   DP83865 Gig PHYTER V 10/100/1000 Ethernet Physical Layer
logo
Contec Co., Ltd
SH-9008H-FIT CONTEC-SH-9008H-FIT Datasheet
243Kb / 2P
   10/100/1000M AUTO-MDIX
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com