Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCR83DBQR Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCR83DBQR
Description  Direct RAMBUS CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCR83DBQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCR83DBQR Datasheet HTML 3Page - Texas Instruments CDCR83DBQR Datasheet HTML 4Page - Texas Instruments CDCR83DBQR Datasheet HTML 5Page - Texas Instruments CDCR83DBQR Datasheet HTML 6Page - Texas Instruments CDCR83DBQR Datasheet HTML 7Page - Texas Instruments CDCR83DBQR Datasheet HTML 8Page - Texas Instruments CDCR83DBQR Datasheet HTML 9Page - Texas Instruments CDCR83DBQR Datasheet HTML 10Page - Texas Instruments CDCR83DBQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CDCR83
DIRECT RAMBUS CLOCK GENERATOR
SCAS632B − APRIL 2001 − REVISED OCTOBER 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tc(out)
Clock output cycle time
2.5
3.75
ns
Total cycle jitter over 1, 2,
Infinite and
267 MHz
80
t(jitter)
Total cycle jitter over 1, 2,
3, 4, 5, or 6 clock cycles
Infinite and
stopped phase
300 MHz
See Figure 3
70
ps
t(jitter)
3, 4, 5, or 6 clock cycles
stopped phase
alignment
356 MHz
See Figure 3
60
ps
alignment
400 MHz
50
t(phase)
Phase detector phase error for distributed loop
Static phase error}
−100
100
ps
t(phase, SSC)
PLL output phase error when tracking SSC
Dynamic phase error}
−100
100
ps
t(DC)
Output duty cycle over 10,000 cycles
See Figure 4
45%
55%
Infinite and
267 MHz
80
t(DC, err)
Output cycle-to-cycle
Infinite and
stopped phase
300 MHz
See Figure 5
70
ps
t(DC, err)
Output cycle-to-cycle
duty cycle error
stopped phase
alignment
356 MHz
See Figure 5
60
ps
duty cycle error
alignment
400 MHz
50
tr, tf
Output rise and fall times (measured at 20%−80% of
output voltage)
See Figure 7
160
400
ps
∆t
Difference between rise and fall times on a single device
(20%−80%) |tf − tr|
See Figure 7
100
ps
† All typical values are at VDD = 3.3 V, TA = 25°C.
‡ Assured by design
state transition latency specifications
PARAMETER
FROM
TO
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
t(powerup)
Delay time, PWRDNB
↑ to CLK/CLKB output
settled (excluding t(DISTLOCK))
Powerdown
Normal
See Figure 8
3
ms
t(powerup)
Delay time, PWRDNB
↑ to internal PLL and
clock are on and settled
Powerdown
Normal
3
ms
t(VDDpowerup)
Delay time, power up to CLK/CLKB output
settled
VDD
Normal
See Figure 8
3
ms
t(VDDpowerup)
Delay time, power up to internal PLL and
clock are on and settled
VDD
Normal
3
ms
t(MULT)
MULT0 and MULT1 change to CLK/CLKB
output resettled (excluding t(DISTLOCK))
Normal
Normal
See Figure 9
1
ms
t(CLKON)
STOPB
↑ to CLK/CLKB glitch-free clock
edges
CLK Stop
Normal
See Figure 10
10
ns
t(CLKSETL)
STOPB
↑ to CLK/CLKB output settled to
within 50 ps of the phase before STOPB was
disabled
CLK Stop
Normal
See Figure 10
20
cycles
t(CLKOFF)
STOPB
↓ to CLK/CLKB output disabled
Normal
CLK
Stop
See Figure 10
5
ns
† All typical values are at VDD = 3.3 V, TA = 25°C.


Similar Part No. - CDCR83DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCR83DBQ TI-CDCR83DBQ Datasheet
172Kb / 13P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results

Similar Description - CDCR83DBQR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI-CDCFR83 Datasheet
162Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83A TI-CDCR83A Datasheet
198Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com