Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V2GRGZT Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V2GRGZT
Description  CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V2GRGZT Datasheet(HTML) 51 Page - Texas Instruments

Back Button CDCM6208V2GRGZT Datasheet HTML 47Page - Texas Instruments CDCM6208V2GRGZT Datasheet HTML 48Page - Texas Instruments CDCM6208V2GRGZT Datasheet HTML 49Page - Texas Instruments CDCM6208V2GRGZT Datasheet HTML 50Page - Texas Instruments CDCM6208V2GRGZT Datasheet HTML 51Page - Texas Instruments CDCM6208V2GRGZT Datasheet HTML 52Page - Texas Instruments CDCM6208V2GRGZT Datasheet HTML 53Page - Texas Instruments CDCM6208V2GRGZT Datasheet HTML 54Page - Texas Instruments CDCM6208V2GRGZT Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
51
CDCM6208V2G
www.ti.com
SNAS682 – MARCH 2016
Product Folder Links: CDCM6208V2G
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
It is ok to power up the device with a 2.5 V/3.3 V supply while this bit is set to 0 and to update this bit thereafter.
Table 28. Register 18
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15
RESERVED
This bit must be set to 0
14
RESERVED
This bit must be set to 0
13
RESERVED
This bit must be set to 0
12:10
PRE_DIV_CH7[2:0]
Output Channel 7
Output channel 7 fractional divider's 3-b pre-divider setting (this pre-
divider is bypassed if Q18.9 = 0)
000
→ Divide by 2
001
→ Divide by 3
111
→ Divide by 1
All other combinations reserved
9
EN_FRACDIV_CH7
Output channel 7 fractional divider enable: 0
→ Disable, 1 →
Enable
8
LVCMOS_SLEW_CH7
Output channel 7 LVCMOS output slew: 0
→ Normal, 1 → Slow
7
EN_LVCMOS_N_CH7
Output channel 7 negative-side LVCMOS enable: 0
→ Disable, 1 →
Enable (Negative side can only be enabled if positive side is
enabled)
6
EN_LVCMOS_P_CH7
Output channel 7 positive-side LVCMOS enable: 0
→ Disable, 1 →
Enable
5
RESERVED
This bit must be set to 0
4:3
SEL_DRVR_CH7[2:0]
Output channel 7 type selection:00 or 01
→ LVDS, 10 → LVCMOS,
11
→ HCSL
2:1
EN_CH7[1:0]
Output channel 7 enable: 00
→ Disable, 01 → Enable, 10 → Drive
static low, 11
→ Drive static high
0
SUPPLY_CH7 (1)
Output channel 7 Supply Voltage Selection: 0
→ 1.8 V, 1 → 2.5/3.3
V
Table 29. Register 19
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15
RESERVED
This bit must be set to 0
14
RESERVED
This bit must be set to 0
13
RESERVED
This bit must be set to 0
12
RESERVED
This bit must be set to 0
11:4
OUTDIV7[7:0]
Output Channel 7
Output channel 7 8-b integer divider setting
(Divider value is register value +1)
3:0
FRACDIV7[19:16]
Output channel 7 20-b fractional divider setting, bits 19-16
Table 30. Register 20
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15:0
FRACDIV7[15:0]
Output Channel 7
Output channel 7 20-b fractional divider setting, bits 15-0


Similar Part No. - CDCM6208V2GRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V2RGZR TI-CDCM6208V2RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2RGZR TI1-CDCM6208V2RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2RGZT TI-CDCM6208V2RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2RGZT TI1-CDCM6208V2RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V2GRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com