Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM7005-SP Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCM7005-SP
Description  CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005-SP Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCM7005-SP_16 Datasheet HTML 8Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 9Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 10Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 11Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 12Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 13Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 14Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 15Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
VCXO_IN Input Frequency − MHz
50
70
90
110
130
150
170
190
210
230
250
50
250
450
650
850
1050
1250
1450
1650
1850
2050
VCC = 3.3 V
TA = 25°C
All Output Pairs Active (4 div-by-8 / 1 div-by-3)
All Output Pairs Active (div-by-1)
All Output Pairs Active (div-by-8)
∆ for div-by-2/4/8/16
One Output Pair Active (div-by-8)
∆ For 1 Output Pair
∆ For div-by-3/6
G001
No Output Active
50
150
250
350
450
550
650
750
50
250
450
650
850
1050
1250
1450
1650
1850
2050
VCXO_IN Input Frequency − MHz
VCC = 3.3 V
TA = 25°C
All Output Pairs Active (4 div-by-8 / 1 div-by-3)
All Output Pairs Active (div-by-1)
All Output Pairs Active (div-by-8)
One Output Pair Active (div-by-8)
G002
No Output Active
1.00
10.00
100.00
80
90
100
110
120
130
140
150
160
Continuous TJ (°C)
1. See data sheet for absolute maximum and minimum recommended operating
conditions.
2. Silicon operating life design goal is 10 years at 105°C junction temperture
(does not include package interconnect life).
12
CDCM7005-SP
SGLS390G – JULY 2009 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: CDCM7005-SP
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Figure 1. CDCM7005-SPHFG-V - 52-Pin HFG Package
Operating Life Derating Chart
7.7 Typical Characteristics
If div-by-2/4/8/16 is activated for one or more outputs, '
Δ for div-by-
2/4/8/16' has to be added to ICC of div-by-1. If div-by-3 or div-by-6 is
activated, '
Δ for div-by-2/4/8/16' and 'Δ for div-by-3/6' has to be added
to ICC of div-by-1.
Figure 2. LVPECL Supply Current vs Number of Active
Outputs
Figure 3. LVPECL Device Power Consumption vs Number of
Active Outputs


Similar Part No. - CDCM7005-SP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
More results

Similar Description - CDCM7005-SP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com