Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM7005-SP Datasheet(PDF) 40 Page - Texas Instruments

Part # CDCM7005-SP
Description  CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005-SP Datasheet(HTML) 40 Page - Texas Instruments

Back Button CDCM7005-SP_16 Datasheet HTML 36Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 37Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 38Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 39Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 40Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 41Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 42Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 43Page - Texas Instruments CDCM7005-SP_16 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
S0082-01
VCXO
Low-PassFilter
CDCM7005
245.76MHz
Gain=21.3kHz/V
PECL_OUT_B
PRI_REF
VCXO_IN
YnA
YnB
VCXO_IN
CTRL_DATA
CTRL_LE
CTRL_CLK
V_CTRL
CP_OUT
PLL_LOCK
STATUS_REF
STATUS_VCXO
PECL_OUT
SPI
V
OC
V
OC
R
130W
R
82W
R
150W
R
50W
R
82W
R
150W
R
50W
R2
160W
R
130W
R1
4.7kW
C2
100nF
C1
22 F
m
10nF
10nF
C3
100nF
Measurement
Equipment
PhaseNoiseReferenceCircuit(SeetheEVM)
40
CDCM7005-SP
SGLS390G – JULY 2009 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: CDCM7005-SP
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
10.2 Typical Application
Figure 27. Typical Application Diagram With Passive Loop Filter
10.2.1 Design Requirements
Before PLL design starts, design targets and constraints should be specified.
Design targets include: output frequency, output phase noise or output jitter over certain band, maximum lock
time or maximum dynamic frequency deviation during settling.
Design constraints might include: input frequency, specific VCO/VCXO device, certain type of filter (for example,
passive)
Most probably VCO/VCXO is determined based on the noise requirements, or frequency plan needs. Input
frequency is typically given by application or system needs. Power or noise requirement might dictate certain
type of filter.


Similar Part No. - CDCM7005-SP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
More results

Similar Description - CDCM7005-SP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
[Old version datasheet]   3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
[Old version datasheet]   3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com