Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V2GRGZR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V2GRGZR
Description  CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V2GRGZR Datasheet(HTML) 34 Page - Texas Instruments

Back Button CDCM6208V2GRGZR Datasheet HTML 30Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 31Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 32Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 33Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 34Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 35Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 36Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 37Page - Texas Instruments CDCM6208V2GRGZR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
34
CDCM6208V2G
SNAS682 – MARCH 2016
www.ti.com
Product Folder Links: CDCM6208V2G
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 5. CDCM6208V2G Loop Filter Recommendation for Pin Mode (continued)
Use Case
PRI_REF
SEC_REF
f(PFD)
(MHz)
ICP
(mA)
Recommended
External LPF
Components
C1 / R2 / C2
Internal LPF
Components
Freq
(MHz)
Type
Freq
(MHz)
Type
R3
(Ω)
C3
(pF)
10
0x18
25-V2G
125
CML
25
LVCMOS
MAN-
SEC
6.25
4m
22pF / 860Ω / 22nF
100
242.5
10
0x19
26-V2G
35.328
LVCMOS
35.328
Crystal
MAN-
SEC
35.328
2.5m
22pF / 400Ω / 22nF
100
242.5
10
0x1A
27-V2G
35.328
LVCMOS
35.328
Crystal
MAN-
SEC
35.328
2.5m
22pF / 400Ω / 22nF
100
242.5
10
0x1B
28-V2G
0.192
LVCMOS
0.192
LVCMOS
MAN-
SEC
0.192
3.5m
100pF / 2.67kΩ / 6.8nF
100
242.5
10
0x1C
29-V2G
25
LVCMOS
25
Crystal
MAN-
SEC
25
2.5m
100pF / 470Ω / 22nF
100
242.5
10
0x1D
30-V2G
50
LVCMOS
50
Crystal
MAN-
SEC
25
2.5m
100pF / 470Ω / 22nF
100
242.5
10
0x1E
31-V2G
50
LVCMOS
50
Crystal
MAN-
SEC
25
2.5m
100pF / 470Ω / 22nF
100
242.5
10
0x1F
32-V2G
50
LVCMOS
50
Crystal
MAN-
SEC
25
2.5m
100pF / 470Ω / 22nF
100
242.5
(1)
The reverse logic between the register Q21.2 and the external output signal on STATUS0 or STATUS1.
10.4.3 Status Pins Definition
The device vitals such as input signal quality, smart mux input selection, and PLL lock can be monitored by
reading device registers or at the status pins STATUS1, and STATUS0. Register 3[12:7] allows for customization
of which vitals are mapped to these two pins. Table 6 lists the three events that can be mapped to each status
pin and which can also be read in the register space.
Table 6. CDCM6208V2G Status Pin Definition List
STATUS
SIGNAL NAME
SIGNAL TYPE
SIGNAL NAME
REGISTER BIT
NO.
DESCRIPTION
SEL_REF
LVCMOS
STATUS0, 1
Reg 3.12
Reg 3.9
Indicates Reference Selected for PLL:
0
→ Primary input selected to drive PLL
1
→ Secondary input selected to drive PLL
LOS_REF
LVCMOS
STATUS0, 1
Reg 3.11
Reg 3.8
Loss of selected reference input observed at active input:
0
→ Reference input present
1
→ Loss of reference input
Important Note 1: For LOS_REF to operate properly, the secondary
input SEC_IN must be enabled. Set register Q4.5=1. If register
Q4.5 is set to zero, LOS_REF will output a static high signal
regardless of the actual input signal status on PRI_IN.
PLL_UNLOCK
LVCMOS
STATUS0, 1
Reg 3.10
Reg 3.7
Indicates unlock status for PLL (digital):
PLL locked
→ Q21.02 = 0 and VSTATUS0/1= VIH
PLL unlocked
→ Q21.2 = 1 and VSTATUS0/1= VILSee note
(1)
Note 2: I f the smartmux is enabled and both reference clocks stall,
the STATUSx output signal will 98% of the time indicate the LOS
condition with a static high signal. However, in 2% of the cases, the
LOS detection engine erroneously stalls at a state where the
STATUSx output PLL lock indicator will signalize high for 511 out of
every 512 PFD clock cycles.


Similar Part No. - CDCM6208V2GRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V2RGZR TI-CDCM6208V2RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2RGZR TI1-CDCM6208V2RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2RGZT TI-CDCM6208V2RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2RGZT TI1-CDCM6208V2RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V2GRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com